Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6920D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6920D
Description  1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6920D Datasheet(HTML) 5 Page - STMicroelectronics

  L6920D Datasheet HTML 1Page - STMicroelectronics L6920D Datasheet HTML 2Page - STMicroelectronics L6920D Datasheet HTML 3Page - STMicroelectronics L6920D Datasheet HTML 4Page - STMicroelectronics L6920D Datasheet HTML 5Page - STMicroelectronics L6920D Datasheet HTML 6Page - STMicroelectronics L6920D Datasheet HTML 7Page - STMicroelectronics L6920D Datasheet HTML 8Page - STMicroelectronics L6920D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
L6920
3
Detailed Description
The L6920 is a high efficiency, low voltage step-up DC/DC converter particularly suitable for 1 to 3 cells (Li-Ion/
polymer, NiMH respectively) battery up conversion.
These performances are achieved via a strong reduction of quiescent current (10
µA only) and adopting a syn-
chronous rectification, that implies also a reduced cost in the application (no external diode required).
Operation is based on maximum ON time - minimum OFF time control, tailored by a current limit set to 1A. A
simplified block diagram is shown here below.
Figure 6. Simplified Block Diagram
4
Principle of Operation
In L6920 the control is based on a comparator that continuously checks the status of output voltage.
If the output voltage is lower than the expected value, the control function of the L6920 directs the energy stored
in the inductor to be transferred to the load. This is accomplished by alternating between two basic steps:
- TON phase: the energy is transferred from the battery to the inductor by shorting LX node to ground via the N-
channel power switch. The switch is turned off if the current flowing in the inductor reaches 1A or after a max-
imum on time set to 5
µs.
- TOFF phase: the energy stored in the inductor is transferred to the load through the synchronous switch for at
least a minimum off time equal to 1
µs. After this, the synchronous switch is turned off as soon as the output
voltage goes lower than the regulated voltage or the current flowing in the inductor goes down to zero.
So, in case of light load, the device works in PFM mode, as shown in figures 7 to 10.
R
Q
S
Ton max
5
µsec
Toff min
1
µsec
VBG
VBG
VBG
A
B
C
-
+
-
+
-
+
-
+
-
+
VOUT
ZERO CROSSING
OPAMP
(CR)
CURRENT LIMIT
OUT
FB
GND
VREF
LBI
LBO
D99IN1041
SHDN
LX
VIN
VOUT
VOUT
GND
R1,R2
FB
Y
Y
A
B
C
- +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com