Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX-260 Datasheet(PDF) 2 Page - Brainboxes Limited

Part # PX-260
Description  LP PCIe 4xRS232 1MBaud
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

PX-260 Datasheet(HTML) 2 Page - Brainboxes Limited

  PX-260 Datasheet HTML 1Page - Brainboxes Limited PX-260 Datasheet HTML 2Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LP PCIe 4xRS232 1MBaud
px-260: Full Specification
PX-260
port
ports
4 x RS232
Pin 1
Pin 5
Pin 6
Pin 9
Pin 1 DCD
Pin 2 RXD
Pin 3 TXD
Pin 4 DTR
Pin 5 GND
Pin 6 DSR
Pin 7 RTS
Pin 8 CTS
Pin 9 RI
RS232 Pinout (9 Pin Male)
Connector
DB9 Connector - 9 pin Male
FIFo size
128 Rx FIFo + 128 tx FIFo
operating Distance
EIA - RS232 Standard
Cable
4 port cable 44 way D to 4x9 pin Male
port Settings
Baud Rate
921,600
921,600
baud
Data Bits
5,6,7 or 8
parity
odd, Even, none, Mark or Space
Stop Bits
1, 1.5 or 2
Flow Control
RtS/CtS, DSR/DtR, xon/xoFF
tx/Rx Modes
point to point
Interface
oS Compatibility
Microsoft Windows 8 32 bit 64 bit Editions
Microsoft Windows 7 32 bit 64 bit Editions
Windows Server 2008 32 bit 64 bit Editions
Windows Vista 32 bit 64 bit Editions
Windows Server 2003 32 bit 64 bit Editions
Pin 1
Pin 5
Pin 6
Pin 9
Pin 1 DCD
Pin 2 RXD
Pin 3 TXD
Pin 4 DTR
Pin 5 GND
Pin 6 DSR
Pin 7 RTS
Pin 8 CTS
Pin 9 RI
RS232 Pinout (9 Pin Male)
BUS
pCI Express x1, x4, x8 x16 lane slots
Approvals
other Approvals
AEo C-tpAt Microsoft Certified gold partner WEEE RoHS EMC: CE tAA
Microsoft Approvals
Windows 7 32 bit 64 bit Editions
Windows Server 2008 32 bit 64 bit editions
Windows Vista 32 bit 64 bit editions
Windows Server 2003 32 bit 64 bit editions
Windows xp 32 bit 64 bit editions
general
pCB Layers
4
power Consumption
380mA @ 3.3V
Weight
0.053 kg
Size
100l x 18w x 80h mm
Box Content
packaging
Installation CD including manual, Microsoft signed drivers & utilities
Card
Lp pCIe 4xRS232 1MBaud
4 port cable 44 way D to 4x9 pin Male
product Support
Warranty
Lifetime (online registration required)
Support
Lifetime Web, Email and phone Support from fully qualified, friendly
staff who work in and alongside the product Development team
Additional
oEM option
Available for bulk buy oEM
Made in the UK
Made In
Manufactured in the UK by Brainboxes Winner 2005 European
Electronics Industry Awards “Manufacturer of the Year”
Customisable
Brainboxes operate a “perfect Fit Custom Design” policy for volume
users. More Info: sales@brainboxes.com
+44(0) 151 220 2500 | sales@brainboxes.com | www.brainboxes.com
Other PCI Express Cards: 1 Port RS232 | 2 Port RS232 | 4 Port RS232 | 8 Port RS232 | 1 Port RS422/485 | 2 Port RS422/485 | 4 Port RS422/485
Other Brainboxes Ranges: PCI | Bluetooth Serial Adapter | Ethernet to Serial Adapter | PCMCIA Serial Card | ExpressCard Serial Adapter | USB to Serial



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com