Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC246/A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMC246/A
Description  High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMC246/A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMC246/A Datasheet HTML 1Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 2Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 3Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 4Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 5Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 6Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 7Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 8Page - List of Unclassifed Manufacturers TMC246/A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TMC246 DATA SHEET (V2.01 / Sep. 14th, 2005)
1
Copyright © 2005, TRINAMIC Motion Control GmbH & Co KG
TMC 246/A – DATA SHEET
High Current Microstep Stepper Motor Driver
with sensorless stall detection, protection /
diagnosis and SPI Interface
TRINAMIC
® Motion Control GmbH & Co KG
Sternstraße 67
D – 20357 Hamburg
GERMANY
T +49 - (0) 40 - 51 48 06 - 0
F +49 - (0) 40 - 51 48 06 - 60
WWW.TRINAMIC.COM
INFO@TRINAMIC.COM
Features
The TMC246 / TMC246A (1) is a dual full bridge driver IC for bipolar stepper motor control
applications. The integrated unique sensorless stall detection (pat. pend.) StallGuard™ makes it a
good choice for applications, where a reference point is needed, but where a switch is not desired. Its
ability to predict an overload makes the TMC246 an optimum choice for drives, where a high reliability
is desired. The TMC246 is realized in a HVCMOS technology combined with Low-RDS-ON high
efficiency MOSFETs (pat. pend.). It allows to drive a coil current of up to 1500mA even at high
environment temperatures. Its low current consumption and high efficiency together with the miniature
package make it a perfect solution for embedded motion control and for battery powered devices.
Internal DACs allow microstepping as well as smart current control. The device can be controlled by a
serial interface (SPI™
i) or by analog / digital input signals. Short circuit, temperature, undervoltage
and overvoltage protection are integrated.
•
Sensorless stall detection StallGuard™ and load measurement integrated
•
Control via SPI with easy-to-use 12 bit protocol or external analog / digital signals
•
Short circuit, overvoltage and overtemperature protection integrated
•
Status flags for overcurrent, open load, over temperature, temperature pre-warning, undervoltage
•
Integrated 4 bit DACs allow up to 16 times microstepping via SPI, any resolution via analog
control
•
Mixed decay feature for smooth motor operation
•
Slope control user programmable to reduce electromagnetic emissions
•
Chopper frequency programmable via a single capacitor or external clock
•
Current control allows cool motor and driver operation
•
7V to 34V motor supply voltage (A-type)
•
Up to 1500mA output current and more than 800mA at 105°C
•
3.3V or 5V operation for digital part
•
Low power dissipation via low RDS-ON power stage
•
Standby and shutdown mode available
(1) The term TMC246 in this datasheet always refers to the TMC246A and the TMC246. The major
differences in the older TMC246 are explicitly marked with “non-A-type”. The TMC246A brings a
number of enhancements and is fully backward compatible to the TMC246.


Similar Part No. - TMC246/A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC246/A ETC2-TMC246/A Datasheet
185Kb / 26P
High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
More results

Similar Description - TMC246/A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC249 ETC1-TMC249 Datasheet
273Kb / 2P
High Current Microstep Stepper Motor Driver with Sensorless Stall D e t e c t i o n ,P rotection / Diagnosis and SPI Interface
TMC239 ETC2-TMC239 Datasheet
155Kb / 21P
High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
TMC249 ETC2-TMC249_05 Datasheet
205Kb / 25P
High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnostics and SPI Interface
TMC246 ETC2-TMC246_06 Datasheet
185Kb / 26P
High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
TMC236 ETC2-TMC236 Datasheet
189Kb / 25P
High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface
logo
TRINAMIC Motion Control...
TMC236 TRINAMIC-TMC236_1 Datasheet
553Kb / 27P
High current, low power dissipation microstep stepper motor driver with protection / diagnostics and SPI Interface
TMC239 TRINAMIC-TMC239_1 Datasheet
578Kb / 29P
High current microstep stepper motor driver with protection, diagnostics and SPI Interface
TMC246 TRINAMIC-TMC246_1 Datasheet
543Kb / 28P
High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
TMC249 TRINAMIC-TMC249_1 Datasheet
597Kb / 30P
High current microstep stepper motor driver with stallGuard?? protection / diagnostics and SPI Interface
TMC249 TRINAMIC-TMC249_16 Datasheet
844Kb / 30P
High current microstep stepper motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com