Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6997 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6997
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997 Datasheet(HTML) 3 Page - STMicroelectronics

  L6997 Datasheet HTML 1Page - STMicroelectronics L6997 Datasheet HTML 2Page - STMicroelectronics L6997 Datasheet HTML 3Page - STMicroelectronics L6997 Datasheet HTML 4Page - STMicroelectronics L6997 Datasheet HTML 5Page - STMicroelectronics L6997 Datasheet HTML 6Page - STMicroelectronics L6997 Datasheet HTML 7Page - STMicroelectronics L6997 Datasheet HTML 8Page - STMicroelectronics L6997 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
L6997
8
VFB
PWM comparator feedback input. Short this pin to INT pin when using the integrator function, or
to VSENSE pin without integrator.
9
OSC
Connect this pin to the input voltage through a voltage divider in order to provide the feed-
forward function. It cannot be left floating.
10
SS
Soft start pin. A 5
µA constant current charges an external capacitor which value sets the soft-
start time.
11
ILIM
An external resistor connected between this pin and GND sets the current limit threshold.
12
SHDN
Shutdown. When connected to GND the device and the drivers are OFF. It cannot be left floating.
13
OVP
Open drain output. During the over voltage condition it is pulled up by an external resistor.
14
PGOOD
Open drain output. During the soft start and in case of output voltage fault it is low. It is pulled up
by external resistor.
15
PGND
Low Side driver ground.
16
LGATE
Low Side driver output.
17
VDR
Low Side driver supply.
18
PHASE
Return path of the High Side driver.
19
HGATE
High side MOSFETS driver output.
20
BOOT
Bootstrap capacitor pin. High Side driver is supplied through this pin.
ELECTRICAL CHARACTERISTICS
(VCC = VDR = 3.3V; Tamb = 0°C to 85°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY SECTION
Vin
Input voltage range
Vout=Vref Fsw=110Khz Iout=1A
1
28
V
VCC,
VDR
3
5.5
V
VCC
Turn-onvoltage
2.86
2.97
V
Turn-off voltage
2.75
2.9
V
Hysteresis
90
mV
IqVDR
Quiescent Current Drivers
VFB > VREF
7
20
µA
IqVcc
Device Quiescent current
VFB > VREF
400
600
µA
SHUTDOWN SECTION
SHDN
Device On
1.2
V
Device Off
0.6
V
ISHVDR
Drivers shutdown current
SHDN to GND
5
µA
ISHVCC
Devices shutdown current
SHDN to GND
1
15
µA
SOFT START SECTION
ISS
Soft Start current
VSS = 0.4V
4
6
µA
Active Soft start and voltage
300
400
500
mV
CURRENT LIMIT AND ZERO CURRENT COMPARATOR
ILIM input bias current
RILIM = 2KΩ to 200KΩ
4.6
5
5.4
µA
Zero Crossing Comparator offset
Phase-gnd
-2
2
mV
DKILIM
Current limit factor
1.6
1.8
2
µA
PIN FUNCTION (continued)
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com