Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6997DTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6997DTR
Description  STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6997DTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6997DTR Datasheet HTML 15Page - STMicroelectronics L6997DTR Datasheet HTML 16Page - STMicroelectronics L6997DTR Datasheet HTML 17Page - STMicroelectronics L6997DTR Datasheet HTML 18Page - STMicroelectronics L6997DTR Datasheet HTML 19Page - STMicroelectronics L6997DTR Datasheet HTML 20Page - STMicroelectronics L6997DTR Datasheet HTML 21Page - STMicroelectronics L6997DTR Datasheet HTML 22Page - STMicroelectronics L6997DTR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
L6997
22/23
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.20
0.047
A1
0.050
0.150
0.002
0.006
A2
0.800
1.000
1.050
0.031
0.039
0.041
b
0.190
0.300
0.007
0.012
c
0.090
0.200
0.004
0.008
D (1)
6.400
6.500
6.600
0.252
0.256
0.260
E
6.200
6.400
6.600
0.244
0.252
0.260
E1 (1)
4.300
4.400
4.500
0.170
0.173
0.177
e
0.650
0.026
L
0.450
0.600
0.750
0.018
0.024
0.030
L1
1.000
0.039
k
0˚ (min.) 8˚ (max.)
aaa
0.100
0.004
Note:
1. D and E1 does not include mold flash or protrusions.
Mold flash or potrusions shall not exceed 0.15mm
(.006inch) per side.
TSSOP20
0087225 (Jedec MO-153-AC)
Thin Shrink Small Outline Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com