Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1787HVCMS8 Datasheet(PDF) 2 Page - Analog Devices

Part # LT1787HVCMS8
Description  Precision, High Side Current Sense Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1787HVCMS8 Datasheet(HTML) 2 Page - Analog Devices

  LT1787HVCMS8 Datasheet HTML 1Page - Analog Devices LT1787HVCMS8 Datasheet HTML 2Page - Analog Devices LT1787HVCMS8 Datasheet HTML 3Page - Analog Devices LT1787HVCMS8 Datasheet HTML 4Page - Analog Devices LT1787HVCMS8 Datasheet HTML 5Page - Analog Devices LT1787HVCMS8 Datasheet HTML 6Page - Analog Devices LT1787HVCMS8 Datasheet HTML 7Page - Analog Devices LT1787HVCMS8 Datasheet HTML 8Page - Analog Devices LT1787HVCMS8 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1787/LT1787HV
1787fc
ABSOLUTE MAXIMUM RATINGS
Differential Sense Voltage ......................................
±10V
Total Supply Voltage (LT1787) ................................ 40V
Total Supply Voltage (LT1787HV) ........................... 65V
Output Voltage ..................... (VEE – 0.3V) to (VEE + 35V)
Output Bias Voltage ............. (VEE – 0.3V) to (VEE + 35V)
Operating Temperature Range (Note 3)
LT1787C ............................................. – 40
°C to 85°C
LT1787I .............................................. – 40
°C to 85°C
LT1787H .......................................... – 40
°C to 125°C
(Notes 1, 2)
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VS–, VS+
Sense Amplifier Supply Voltage Single Supply Operation (LT1787)
●
2.5
36
V
Single Supply Operation (LT1787HV)
●
2.5
60
V
VSENSE
Input Sense Voltage Full Scale
VSENSE = VS
+ – VS–, VS = 10V, VBIAS = 5V, AV = 8 ±10%
●
500
mV
VOS
Input Offset Voltage (S8)
IOUT = 0, VS Supply = 5V
– 75
±40
75
µV
0
°C ≤ TA ≤ 70°C
●
– 135
135
µV
IOUT = 0 (LT1787)
– 100
100
µV
0
°C ≤ TA ≤ 70°C
●
– 160
160
µV
IOUT = 0 (LT1787HV)
– 100
100
µV
0
°C ≤ TA ≤ 70°C
●
– 160
160
µV
The
● denotes the specifications which apply over the temperature range 0
°C ≤ TA ≤ 70°C, otherwise specifications are at TA = 25°C.
Total supply = (VS– – VEE) = 2.5V to 36V (LT1787C), 2.5V to 60V (LT1787HVC) unless otherwise specified.
Specified Temperature Range (Note 4)
LT1787C ............................................. – 40
°C to 85°C
LT1787I .............................................. – 40
°C to 85°C
LT1787H .......................................... – 40
°C to 125°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 5)
TOP VIEW
FIL+
VS
+
VBIAS
VOUT
FIL–
VS
–
DNC*
VEE
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
* DO NOT CONNECT
TJMAX = 150°C, θJA = 190°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
FIL+
VS
+
VBIAS
VOUT
FIL–
VS
–
DNC*
VEE
* DO NOT CONNECT
TJMAX = 150°C, θJA = 250°C/ W
MS8 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTGM
LTGN
LTKJ
LTKK
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
LT1787CMS8
LT1787IMS8
LT1787HVCMS8
LT1787HVIMS8
S8 PART MARKING
1787
1787I
1787H
1787HV
787HVI
787HVH
ORDER PART NUMBER
LT1787CS8
LT1787IS8
LT1787HS8
LT1787HVCS8
LT1787HVIS8
LT1787HVHS8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com