Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD-01X Datasheet(PDF) 1 Page - Microchip Technology

Part # MD-01X
Description  MD-01X Evaluation Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD-01X Datasheet(HTML) 1 Page - Microchip Technology

  MD-01X Datasheet HTML 1Page - Microchip Technology MD-01X Datasheet HTML 2Page - Microchip Technology MD-01X Datasheet HTML 3Page - Microchip Technology MD-01X Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MD-01X Evaluation Kit
For MD-01 Series
Disciplined Oscillator Modules
• MD-01x Evaluation board assembly
• MD-01x mounting hardware
• MD-01x Ribbon Cable
• USB 2.0 A to Mini-B Cable (1 meter)
• Power Supply (15V)
Summary and Features
The Evaluation Kit is intended to provide quick and
easy connection to and monitoring of Microchip’s MD-
01 Series Disciplined Oscillator Modules.
•
Laptop or desktop computer connection via USB
or RS-232.
•
Easy power hook-up using included AC-DC power
supply.
•
LED Indicators that show module status.
•
Compatible with Microchip VDOM Monitor 3
Software.
•
Multiple power and reference input configurations.
The MD-01x series modules and evaluation kit are compatible
with Microchip VDOM Monitor 3 software which supports
monitoring and configuration of the module. A user’s guide for
this software is available on the module product page on
Microchip.com. This software is available for download at no
cost – please contact Microchip for more information.
• Allows for real-time view of the module’s timing
performance and diagnostic parameters.
• Transmits commands and queries to the module via
simple interface.
• Data is logged and saved in CSV format for further
viewing and analysis.
• Compatible with Microsoft Windows® 7, 10, and 11.
Functional Block Diagram
Included With This Kit
Software
For use with
MD-012 MD-013
MD-014 MD-015


Similar Part No. - MD-01X

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MD-010 VECTRON-MD-010 Datasheet
843Kb / 8P
Disciplined Oscillator Module
MD-0100-DXD-TCXO VECTRON-MD-0100-DXD-TCXO Datasheet
956Kb / 8P
GPS Disciplined Oscillator Module
MD-0100-DXE-TCXO VECTRON-MD-0100-DXE-TCXO Datasheet
956Kb / 8P
GPS Disciplined Oscillator Module
MD-0100-DXJ-TCXO VECTRON-MD-0100-DXJ-TCXO Datasheet
956Kb / 8P
GPS Disciplined Oscillator Module
MD-0100-DXT-TCXO VECTRON-MD-0100-DXT-TCXO Datasheet
956Kb / 8P
GPS Disciplined Oscillator Module
More results

Similar Description - MD-01X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com