Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXPPVC08FIM05BCL010PVC Datasheet(PDF) 7 Page - Bulgin Limited. All rights reserved.

Part # PXPPVC08FIM05BCL010PVC
Description  M8 Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXPPVC08FIM05BCL010PVC Datasheet(HTML) 7 Page - Bulgin Limited. All rights reserved.

Back Button PXPPVC08FIM05BCL010PVC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL010PVC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL010PVC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL010PVC Datasheet HTML 6Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL010PVC Datasheet HTML 7Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL010PVC Datasheet HTML 8Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL010PVC Datasheet HTML 9Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL010PVC Datasheet HTML 10Page - Bulgin Limited. All rights reserved. PXPPVC08FIM05BCL010PVC Datasheet HTML 11Page - Bulgin Limited. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
159 Circular Automation Connectors
PXPTPU08RAM
PXPPVC08RAM
M8 Right Angled Male
PXPPVC08RAM03ACL010PVC
PXPTPU08RAM03ACL010PUR
PXPPVC08RAM03ACL020PVC
PXPTPU08RAM03ACL020PUR
PXPPVC08RAM03ACL030PVC
PXPTPU08RAM03ACL030PUR
PXPPVC08RAM03ACL050PVC
PXPTPU08RAM03ACL050PUR
PXPPVC08RAM03ACL100PVC
PXPTPU08RAM03ACL100PUR
PXPPVC08RAM03ACL150PVC
PXPTPU08RAM03ACL150PUR
PXPPVC08RAM04ACL010PVC
PXPTPU08RAM04ACL010PUR
PXPPVC08RAM04ACL020PVC
PXPTPU08RAM04ACL020PUR
PXPPVC08RAM04ACL030PVC
PXPTPU08RAM04ACL030PUR
PXPPVC08RAM04ACL050PVC
PXPTPU08RAM04ACL050PUR
PXPPVC08RAM04ACL100PVC
PXPTPU08RAM04ACL100PUR
PXPPVC08RAM04ACL150PVC
PXPTPU08RAM04ACL150PUR
PXPPVC08RAM05BCL010PVC
PXPTPU08RAM05BCL010PUR
PXPPVC08RAM05BCL020PVC
PXPTPU08RAM05BCL020PUR
PXPPVC08RAM05BCL030PVC
PXPTPU08RAM05BCL030PUR
PXPPVC08RAM05BCL050PVC
PXPTPU08RAM05BCL050PUR
PXPPVC08RAM05BCL100PVC
PXPTPU08RAM05BCL100PUR
PXPPVC08RAM05BCL150PVC
PXPTPU08RAM05BCL150PUR
Part No.
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
B
Poles
03
03
03
03
03
03
03
03
03
03
03
03
04
04
04
04
04
04
04
04
04
04
04
04
05
05
05
05
05
05
05
05
05
05
05
05
Code
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Overmold Cable
Termination
Cable Material
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
PVC
PUR
Available in 3, 4 & 5 Poles
1, 2, 3, 5, 10 & 15M Cable Options
Overmold Flex Inline Body
Mates with Flex Body & Panel
Mount Connectors
Circular Automation Connectors
M8 Series
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
1m
1m
2m
2m
3m
3m
5m
5m
10m
10m
15m
15m
Lead Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com