Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7805AC Datasheet(PDF) 7 Page - STMicroelectronics

Part # L7805AC
Description  PRECISION 1A REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805AC Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L7805AC Datasheet HTML 3Page - STMicroelectronics L7805AC Datasheet HTML 4Page - STMicroelectronics L7805AC Datasheet HTML 5Page - STMicroelectronics L7805AC Datasheet HTML 6Page - STMicroelectronics L7805AC Datasheet HTML 7Page - STMicroelectronics L7805AC Datasheet HTML 8Page - STMicroelectronics L7805AC Datasheet HTML 9Page - STMicroelectronics L7805AC Datasheet HTML 10Page - STMicroelectronics L7805AC Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ELECTRICAL CHARACTERISTICS FOR L7808A (Vi = 14V, Io = 1 A, Tj = 0 to 125
oC (L7808AC),
Tj = -40 to 125
oC (L7808AB) unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Tj =25
oC7.84
8
8.16
V
Vo
Output Voltage
Io = 5 mA to 1 A
Po
≤ 15 W
Vi = 10.6 to 23 V
7.788.3
V
∆Vo*
Line Regulation
Vi = 10.6 to 25 V
Io = 500 mA
Vi =11 to 17 V
Vi =11 to 17 V
Tj =25
oC
Vi = 10.4 to 23 V
Tj =25
oC
12
15
5
12
80
80
40
80
mV
mV
mV
mV
∆Vo*
Load Regulation
Io = 5 mA to 1 A
Io = 5 mA to 1.5 A
Tj =25
oC
Io = 250 to 750 mA
25
30
10
100
100
50
mV
mV
mV
Id
Quiescent Current
Tj =25
oC4.3
6
6
mA
∆Id
Quiescent Current Change
Vi =11 to 25 V
Io = 500 mA
Vi = 10.6 to 23 V
Tj =25
oC
Io = 5 mA to 1 A
0.8
0.8
0.5
mA
mA
mA
SVR
Supply Voltage Rejection
Vi = 11.5 to 21.5 V
f = 120 Hz
Io = 500 mA
62
dB
Vd
Dropout Voltage
Io =1 A
Tj =25
oC2
V
eN
Output Noise Voltage
B = 10Hz to 100KHz
Tj =25
oC10
µV/Vo
Ro
Output Resistance
f = 1KHz
18
m
Ω
Isc
Short Circuit Current
Vi =35 V
Tamb =25
oC0.2
A
Iscp
Short Circuit Peack Current
Tj =25
oC2.2
A
∆Vo
∆T
Output Voltage Drift
-0. 8
mV/
oC
* Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
L7800AB/AC
7/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com