Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST93007U2C Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # ST93007U2C
Description  7-Port USB 3.0 Hub plus Dedicated Charging Ports - 2 x 2.4A Ports
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ST93007U2C Datasheet(HTML) 2 Page - StarTech.com Ltd.

  ST93007U2C Datasheet HTML 1Page - StarTech.com Ltd. ST93007U2C Datasheet HTML 2Page - StarTech.com Ltd. ST93007U2C Datasheet HTML 3Page - StarTech.com Ltd. ST93007U2C Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
Use as a dual-port charging station, or as a data hub in home, office and hot-desk environments
Fast-charge your mobile devices while expanding the connectivity of your computer
Make hard-to-reach USB ports more accessible
Features
Charge your smartphones and tablets quickly, using two, 2.4A USB fast-charge ports
Connect multiple USB devices to your laptop or desktop by adding seven USB 3.0 ports
Charge a variety of mobile devices, including Apple and Samsung Galaxy devices, with support for USB
Battery Charging Specification 1.2
Sleek and compact design
Simultaneously use the hub ports and fast-charge ports
SuperSpeed USB 3.0 throughput up to 5Gbps
Built-in on/off power button
Plug-and-play and hot-swap compatible
LED indicators for port status
Backward compatible with USB 2.0, 1.x devices
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com