Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78M00AC Datasheet(PDF) 3 Page - STMicroelectronics

Part # L78M00AC
Description  PRECISION 500mA REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M00AC Datasheet(HTML) 3 Page - STMicroelectronics

  L78M00AC Datasheet HTML 1Page - STMicroelectronics L78M00AC Datasheet HTML 2Page - STMicroelectronics L78M00AC Datasheet HTML 3Page - STMicroelectronics L78M00AC Datasheet HTML 4Page - STMicroelectronics L78M00AC Datasheet HTML 5Page - STMicroelectronics L78M00AC Datasheet HTML 6Page - STMicroelectronics L78M00AC Datasheet HTML 7Page - STMicroelectronics L78M00AC Datasheet HTML 8Page - STMicroelectronics L78M00AC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
L78M00AB/AC SERIES
3/17
CONNECTION DIAGRAM (top view)
ORDERING CODES
(*) Available in Tape & Reel with the suffix "-TR".
APPLICATION CIRCUITS
TYPE
TO-220
DPAK (*)
OUTPUT VOLTAGE
L78M05AB
L78M05ABV
L78M05ABDT
5 V
L78M05AC
L78M05ACDT
5 V
L78M06AB
L78M06ABV
L78M06ABDT
6 V
L78M06AC
L78M06ACDT
6 V
L78M08AB
L78M08ABV
L78M08ABDT
8 V
L78M08AC
L78M08ACDT
8 V
L78M09AB
L78M09ABV
L78M09ABDT
9 V
L78M09AC
L78M09ACDT
9 V
L78M10AB
L78M10ABV
L78M10ABDT
10 V
L78M10AC
L78M10ACDT
10 V
L78M12AB
L78M12ABV
L78M12ABDT
12 V
L78M12AC
L78M12ACDT
12 V
L78M15AB
L78M15ABV
L78M15ABDT
15 V
L78M15AC
L78M15ACDT
15 V
L78M18AB
L78M18ABV
L78M18ABDT
18 V
L78M18AC
L78M18ACDT
18 V
L78M20AB
L78M20ABV
L78M20ABDT
20 V
L78M20AC
L78M20ACDT
20 V
L78M24AB
L78M24ABV
L78M24ABDT
24 V
L78M24AC
L78M24ACDT
24 V
TO-220
DPAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com