Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AMMA0ES Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MPF0900AMMA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA0ES Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MPF0900AMMA0ES Datasheet HTML 20Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 21Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 22Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 23Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 24Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 25Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 26Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 27Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
When the state machine enters the fail-safe transition, the FS_CNT[3:0] is compared and increased; if
FS_CNT[3:0] reaches the maximum count, the device will move directly to the Deep Fail-safe state and wait for
a valid condition to exit the state.
11.2.11 Deep Fail-safe (DFS) state
The DFS state is intended to work as a temporary lockdown state upon a cyclic critical failure condition.
Because the system may land in the DFS state and remain there indefinitely, the DFS state is designed to
consume as little current as possible, with just the minimum blocks enabled to perform the operations defined in
this state.
The maximum number of times the device can pass through the Fail-safe transition continuously prior to moving
into the DFS state is programmed using the OTP_MAX_FS_CNT[3:0] bits.
When OTP_MAX_FS_CNT[3:0] = 0x00, the DFS state will be disabled and the FSM will not be able to enter
this state by means of the fault counting mechanism, however more critical failures such as the temporary loss
of VIN or VANA, or other safety-critical failures, may still result in the transition to the DFS state to ensure the
system operates only under controlled safe conditions.
When the OTP_MAX_FS_CNT[3:0] != 0x00 and the FS_CNT [3:0] = OTP_MAX_FS_CNT [3:0], the device will
enter the DFS state.
FS_CNT[3:0] can be cleared manually during the SYSTEM ON states, or by a number of good watchdog
refreshes when WD_OK_FDC[2:0] != 0x00.
In this state, the PGOOD and RSTB pins remain asserted low all the time.
In devices targeting high safety integrity levels where the FS0B is operating in Active Safe-state mode, the
FS0B pin will remain asserted low during the DFS state.
For QM or devices targeting low safety integrity levels where the FS0B is operating in Fault status mode, the
FS0B will be asserted if the FS0B_DFS = 1, or another fault caused it to assert previously.
During DFS state, the VAON regulator will be disabled regardless of the operating mode, as well as all other
system regulators to prevent further damage to the system.
The PF09 provides various mechanisms to exit the DFS state, either requested externally via the PWRON
pin or generated automatically by the auto retry timer. One or more mechanisms to exit the DFS state are
selectable via the OTP registers during the device customization stage.
The OTP_PWRON_DFS bit is provided to allow the device to wake up from the DFS state via the PWRON pin.
OTP_PWRON_DFS
Description
0
PWRON is not able to exit DFS
1
PWRON able to exit DFS
Table 15. OTP_PWRON_DFS bit
The OTP_RETRY_DFS bit is provided to allow the device to wake up from the DFS state via the auto retry
timer.
OTP_RETRY_DFS
Description
0
Auto retry Disabled
1
Auto retry Enabled
Table 16. OTP_RETRY_DFS bit
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
24 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com