Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AMMA2ES Datasheet(PDF) 143 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 143 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 139Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 140Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 141Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 142Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 143Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 144Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 145Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 146Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 147Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
TSNS9
LDO3
aaa-056079
TSNS8
LDO2
TSNS1
Center of die
CTAT
voltage
COMP
vtrip_dig
TSD*
V155C
V140C
V125C
V110C
en, vsel<6:0>deltaT
TSNS5
SW4
TSNS3
SW2
Digital logic
State machine
(Thermal interrupt
decoding)
TSNS7
LDO1
TSNS6
SW5
TSNS4
SW3
TSNS2
SW1
BG
Thermal monitoring architecture
* TSD is selectable
between 165C and 175C
Figure 37. Thermal monitoring architecture
The central thermal monitoring is always enabled during the RUN state, to allow thermal protection during
heavy loading conditions.
During the monitored STANDBY state, the thermal monitor operates in sample mode to optimize power
utilization without sacrificing thermal monitoring availability.
In the Low-power STANDBY and OFF states, the thermal monitoring is disabled allow the system to achieve the
lowest power consumption.
The PF09 provides four thermal thresholds to notify the system when the die temperature has crossed the
respective threshold.
Thermal threshold
Interrupt bit
Mask bit
Sense bit
110 °C
THERM_110_I
THERM_110_M
THERM_110_S
125 °C
THERM_125_I
THERM_125_M
THERM_125_S
140 °C
THERM_140_I
THERM_140_M
THERM_140_S
155 °C
THERM_155_I
THERM_155_M
THERM_155_S
Table 192. Thermal thresholds notification bits
The thermal interrupt will be asserted when the die temp crosses the corresponding threshold on the rising
edge, and it will assert the INTB pin as long as the corresponding interrupt is not masked.
The MCU can select the thermal warning relevant to the system to take appropriate action to bring down the
temperature (either by turning off external regulators, reducing load, or turning on a fan).
A thermal shutdown (TSD) threshold is provided to start a shutdown event when the die temperature has
crossed the TSD threshold during the RUN and monitored STANDBY states. When the device reaches the
thermal shutdown, it will proceed to turn off the power supplies and it won’t be able to restart until the die
temperature has decreased below the TSD with a 10 °C hysteresis.
During the power-up event, the thermal monitor is used to gate the Power-up sequence if the die temperature is
above the thermal shutdown threshold
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
143 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com