Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AMMA2ES Datasheet(PDF) 160 Page - NXP Semiconductors

Part # MPF0900AMMA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA2ES Datasheet(HTML) 160 Page - NXP Semiconductors

Back Button MPF0900AMMA2ES Datasheet HTML 156Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 157Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 158Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 159Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 160Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 161Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 162Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 163Page - NXP Semiconductors MPF0900AMMA2ES Datasheet HTML 164Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
(FCCU1 pin), followed by enabling its own FCCU operation. Once the FCCU operation is enabled in both
the MCU and the PMIC, the MCU can proceed to modify the reaction of the PMIC upon an FCCU failure and
request to release the safety output (FS0B) to allow normal operation.
When the PF09 is starting up or coming from a reset condition, the FCCU0 input will be ignored while the
FCCU1 pin starts operation as an XRESET input as soon as the device enters the RUN state. Refer to section
16.8.8 FCCU1 (XRESET Mode) for a detailed description of the XRESET behavior.
In order to avoid unsafe operation, the PF09 will not allow the FS0B pin to be released when the FCCU is
operating in hybrid bistable mode until the FCCU interface is requested to switch to full FCCU mode.
Switching to full bistable mode is required, but does not constitute sufficient conditions for releasing the FS0B.
The MCU must ensure all conditions are met before requesting an FS0B release via the FS0B_RELEASE bits.
aaa-056085
FCCU_ERR0
FCCU0
FCCU config
XRESET
FCCU
FS0B only
FCCU
FS0B only
FCCU
hard reset
FCCU
hard reset
FCCU
hard reset
XRESET
PMIC detection
FCCU_LO = OK
FCCU1_HI = reset
FCCU_HI = OK
FCCU1_LO = OK
FCCU_HI = OK
FCCU1_LO = OK
FCCU_HI = OK
FCCU1_LO = OK
FCCU_HI = OK
FCCU1_LO = OK
FCCU_HI = OK
FCCU1_LO = OK
FCCU_LO = OK
FCCU1_HI = reset
PMIC status
No fault
Fault -> FS0B low
No fault
No fault
No fault
FS0B released
Fault
PMIC reset
No fault
MCU
reset phase
PMIC full bistable
high-Z
high-Z
high-Z
FCCU0
MCU FCCU
enabled
Set PMIC reaction
MCU behavior
PMIC behavior
FS0B release
Fault phase
MCU
reset phase
FS0B pin
RSTB pin
WDOG_ANY
FCCU1
WDOG_ANY
WDOG_ANY
WDOG_ANY
FCCU1
Figure 44. FCCU Hybrid bistable operation
The FCCU pins will change the operation to full bistable mode when the MCU request a transition to FCCU
mode via the SYS_CMD[7:0] = 0xB3 (XRESET to FCCU request). Once in the full bistable mode, the device will
be able to return to XRESET mode in three ways:
1. The FCCU to XRESET Request command is sent (SYS_CMD[7:0] = 0xBA): to avoid unwanted transition
out of safe operation, the FCCU to XRESET request command will take effect only after the FS0B has been
asserted LOW, either due to a fault condition or commanded by the MCU via the FS0B_RELEASE[7:0] bits.
When the FCCU to XRESET request command is sent and the FS0B is still released (HIGH), the PF09 will
ignore the request and set the BAD_CMD_I to generate an interrupt event to the system.
2. Device moves into the STBY state (Monitored or LP_STBY): When PF09 is going into any of the STBY
states, it is assumed the system is going into low-power operation without safety critical operation, therefore the
FCCU interface will be reset to the default XRESET operation (FCC0 ignored, FCCU1 = XRESET input).
During the STBY state, the FCCU1 pin will be able to detect an XRESET event as long as the XRESET input is
enabled in the STBY state (XRST_STBY_EN = 1)
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
160 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com