| Electronic Components Datasheet Search |
|
MPF0900AMMA2ES Datasheet(PDF) 164 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMMA2ES Datasheet(HTML) 164 Page - NXP Semiconductors |
|
164 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring ABIST flags Description AB_LDOx_OV LDOx OV monitor ABIST flag AB_LDOx_UV LDOx UV monitor ABIST flag AB_VAON_OV VAON OV monitor ABIST flag AB_VAON_UV VAON UV monitor ABIST flag AB_VMONx_OV VMONx OV monitor ABIST flag AB_VMONx_UV VMONx UV monitor ABIST flag AB_VDIG_OV VDIG OV monitor ABIST flag AB_VANA_OV VANA OV monitor ABIST flag AB_TSD_NOK Thermal shutdown comparator ABIST flag AB_RSTB_NOK RSTB ABIST flag AB_FS0B_NOK FS0B ABIST flag Table 218. ABIST flags...continued ABIST is part of the larger self-test routine, but can also be performed separately (see Section 14.9). When ABIST is performed as part of the self-test routine, an ABIST error is not considered to be a self-test routine error. This allows the MCU to debug and take action after reset. When an ABIST error is present, however, the PF09 will not release FS0B until a new ABIST is requested and passed. An exception to this rule occurs when FS0B is used as a safety output. When FS0B is used as a safety output, an ABIST failure on the FS0B will be considered a critical failure, because the FS0B pin is in charge of maintaining an initial safe state for the system at power up. This kind of failure will cause the self-test to fail and assert the STEST_NOK flag, to prevent the system from powering up with an FS0B short-to-high condition. 14.9 ABIST on demand A system command is provided to perform an ABIST on demand during the SYSTEM ON states. When the SYS_CMD = 0x55, the control logic will perform an ABIST routine to verify all OV/UV monitoring circuits listed below: • OV/UV comparators for each individual SWx, LDOx and VAON supply • OV/UV comparators for each individual VMONx input • OV monitor for the internal VDIG supply • OV monitor for the internal VANA supply • TSD comparator for the thermal monitor When the ABIST on demand is requested, the ABIST routine will be performed only on voltage regulators and external VMON enabled at the time it is requested. When the FS0B is operating in Active Safe state, if a failure condition is found during the ABIST on demand command, the FS0B will be asserted immediately to place the system in a safe state. The PF09 will not be able to release the FS0B pin until a new ABIST is requested and passed successfully. 14.10 Logic built-in self-test (LBIST) 14.10.1 Startup LBIST In devices targeting a high safety integrity level (ASIL D/SIL 2), an LBIST routine is provided to ensure the functional integrity of the logic gates controlling the safety mechanism within the digital control unit. PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 164 / 205 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |