Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AMMA5ES Datasheet(PDF) 138 Page - NXP Semiconductors

Part # MPF0900AMMA5ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA5ES Datasheet(HTML) 138 Page - NXP Semiconductors

Back Button MPF0900AMMA5ES Datasheet HTML 134Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 135Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 136Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 137Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 138Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 139Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 140Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 141Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 142Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
aaa-056078
Time
10 %
10 %
fosc
0.5 %
resolution
Figure 36. Pseudo-random modulation
13.4.2 Clock synchronization
The FSYNC pin is a bidirectional clock pin used to enable clock synchronization with one or more external
devices. The pin is suitable for 1.8 V or 3.3 V level signals.
The mode of operation of the FSYNC pin is set on OTP via the OTP_FSYNC_MODE bits, and cannot be
changed during the system operation.
OTP_FSYNC_MODE
FSYNC operating mode
0
SYNCOUT mode
1
SYNCIN Mode
Table 185. FSYNC mode selection bit
13.4.2.1 SYNCOUT mode
When the FSYNC pin is operating in SYNCOUT mode, the pin provides a signal toggling with the same
frequency as the switching regulators (HFREQ_CLK / 8). In this mode, the device always uses the internal high-
frequency clock to generate the switching frequency for the switching regulators.
The FSYNCOUT_EN bit is used to enable or disable the output frequency in the FSYNC pin. By default, the
output frequency is disabled, and the MCU must enable it during the configuration phase.
FSYNCOUT_EN
FSYNC output frequency
0
Disabled
1
Enabled
Table 186. Enabling FSYNC output frequency enable bit
13.4.2.2 SYNCIN mode
When the FSYNC pin is operating in SYNCIN mode, an external clock can be fed via the FSYNC pin to
synchronize the switching regulators to the external clock. When the external clock synchronization is enabled,
the system is expected to operate the switching regulators in PWM mode to ensure clock synchronization.
When the external clock synchronization is enabled, the internal PLL is enabled to generate the switching
regulator frequency from either the internal high frequency clock or the external frequency at the FSYNC pin,
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
138 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com