| Electronic Components Datasheet Search |
|
MPF0900AMMA5ES Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMMA5ES Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring 6 Device versioning The PF09 is a family of devices aiming to provide versatile and scalable power management to various types of automotive and industrial systems and platforms. Here is an example showing decoding of the PF09 part number nomenclature: PPF09 00AMDA0ES At the first level, the PF09 family features various device members with a scalable number of channels with pin- to-pin and software compatibility, to improve system cost optimization. Hardware scalability is identified by the last two digits of the device core number, for example, PF09 XX. At the second level, each device allows functional safety scalability to meet the needs of automotive applications ranging from QM up to ASIL D, as well as industrial applications targeting a safety integrity level up to SIL 2. Automotive QM = M Automotive ASIL B = B Automotive ASIL D = D Industrial SIL 2 = S Table 3 below provides the functional safety feature partitioning for all standard safety grades. Safety Functions [1] [2] QM ASIL B ASIL D SIL 2 External VMON1 N/A Available[3] Available[3] Available[3] External VMON2 N/A Available[3] Available[3] Available[3] FCCU interface N/A Available Available Available ERRMON Interface N/A N/A Available Available VIN_OV monitor Available Available Available Available Watchdog manager Static watchdog Static watchdog Dynamic watchdog Static watchdog FS0B operating mode Fault mode Active safe state Active safe state Active safe state Self-test routine N/A Enabled Enabled Enabled ABIST on demand N/A N/A Available Available LBIST routine N/A N/A Power-up / on- demand Power-up / on- demand Dynamic cyclic redundancy check (CRC) N/A N/A Enabled Enabled Bandgap monitor Interrupt only Interrupt / shutdown Interrupt / shutdown Interrupt / shutdown VDIG overvoltage (OV) Interrupt only Interrupt / shutdown Interrupt / shutdown Interrupt / shutdown DMS safety handshake N/A N/A Enabled Enabled Table 3. Device versioning strategy [1] Available features can be enabled or disabled in OTP. Please refer to the specific OTP configuration report for specific information. [2] Enabled features are enabled all the time to provide real-time protection. [3] May not be available in some part numbers with a reduced feature set. Note that the first and second levels of customization are done at the fab, therefore, features marked as N/A in a specific device means they are not physically present on the device. To get the desired functionality, it may PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 7 / 205 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |