Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AMMA5ES Datasheet(PDF) 101 Page - NXP Semiconductors

Part # MPF0900AMMA5ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA5ES Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button MPF0900AMMA5ES Datasheet HTML 97Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 98Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 99Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 100Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 101Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 102Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 103Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 104Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
[2]
Typical high-side FET resistance due to packaging (bondwire + metal) at room temperature is 20.5mΩ.
[3]
Typical low-side FET resistance due to packaging (bondwire + metal) at room temperature is 21mΩ.
Symbol
Description
Min
Typ
Max
Units
L
Output inductor
• Typical inductor DC resistance: < 25 mΩ
• Minimum saturation current at full load: 7.0 A
–
0.47
–
µH
COUT
Effective output capacitance
• 2x22 μF, 6.3 V
• Low equivalent series resistance (ESR) ceramic capacitor
22
44
300
µF
CIN
Input capacitor
• 4.7 μF, 10 V
• Low ESR ceramic capacitor
4.23
4.7
5.17
µF
Table 125. Recommended external components.
13.2.3 SW2 - SW5 (2.5 A peak/valley current mode buck regulator)
The PF09 features four low-voltage, multiphase, peak current mode (PCM) or valley current mode (VCM) buck
regulators with wide output voltage ranges from 0.3 V to 3.3 V, with up to 1.5 % output accuracy and 2.5 A
nominal load current capability.
The default voltage configuration for the SWx regulator at power-up is set in OTP via the OTP_VSWx_RUN[7:0]
bits, and the dynamic configuration of the output voltage during the RUN state is controlled via the
VSWx_RUN[7:0] functional bits.
The default voltage configuration for the SWx regulator to be used during the STANDBY state is set in OTP
via the OTP_VSWx_STBY[7:0] bits, and the MCU can modify the target STANDBY voltage configuration of the
SWx regulator during any of the SYSTEM ON states via the VSWx_STBY[7:0] functional bits.
The MCU is expected to update the VSWx_STBY[7:0] bits before directing the PMIC to enter the STANDBY
state. The selection of the VSWx_STBY[7:0] bits will depend on the system requirements of the specific low-
power mode it wants to achieve at system level.
VSWx_RUN[7:0] VSWx_STBY[7:0]
Voltage setting
0x00
0.30000V
0x01 to 0x91
0.45000 V to 1.35000 V in 6.25 mV steps
0x92 to 0x9E
Reserved
0x9F
1.50000 V
0xA0 to 0xD8
1.80000 V to 2.50000 V in 12.5 mV steps
0xD9 to 0xDF
Reserved
0xE0 to 0xF4
2.80000 V to 3.30000 V in 25.0 mV steps
0xF5 to 0xFF
Reserved
Table 126. SW2 voltage setting
DVS is available under the following conditions:
1. DVS range is between 0.65 V and 0.9 V.
2. The OV/UV threshold is +/-5 % or wider.
3. The DVS ramp must be 3.9 mV/μs or slower.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
101 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com