Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AMMA5ES Datasheet(PDF) 128 Page - NXP Semiconductors

Part # MPF0900AMMA5ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA5ES Datasheet(HTML) 128 Page - NXP Semiconductors

Back Button MPF0900AMMA5ES Datasheet HTML 124Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 125Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 126Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 127Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 128Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 129Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 130Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 131Page - NXP Semiconductors MPF0900AMMA5ES Datasheet HTML 132Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
OTP_VMONx_UVTH[2:0]
UV threshold
101
94.0 %
110
93.5 %
111
93.0 %
Table 167. VMONx UV threshold configuration bits...continued
The overvoltage monitoring threshold for the VMONx block is set in the OTP registers via the
OTP_VMONx_OVTH[2:0] bits.
OTP_VMONx_OVTH[2:0]
OV threshold
000
103.5 %
001
104.0 %
010
104.5 %
011
105.0 %
100
105.5 %
101
106.0 %
110
106.5 %
111
107.0 %
Table 168. VMONx OV threshold configuration bits
For safety considerations, the OV/UV monitoring thresholds are selected in OTP during the part number
configuration phase, and they are not allowed to be changed during system operation. However, the system can
choose to open the monitoring range during the Monitored STANDBY state in order to accommodate larger DC/
AC output voltage accuracy on the voltage regulator being monitored by the VMONx block.
The VMONx_UVTH_STBY and VMONx_OVTH_STBY bits are provided to select whether to use the same
OV/UV monitoring threshold in RUN and STANDBY states or force the maximum OV/UV monitoring threshold
during the STANDBY state.
VMONx_UVTH_STBY
UV threshold in STANDBY
0
Same as RUN state
1
Open to maximum threshold
Table 169. VMONx UV threshold selection in STANDBY
VMONx_OVTH_STBY
OV thresholdin STANDBY
0
Same as RUN state
1
Open to maximum threshold
Table 170. VMONx OV threshold selection in STANDBY
By default, the VMONx_UVTH_STBY and VMONx_OVTH_STBY bits are set to 1 at power up, and the MCU
can modify their values before requesting access to the STANDBY states.
The UV and OV thresholds represent percentages of the nominal voltage programmed on each VMON
block. Setting the thresholds ensures that an undervoltage condition below the selected UV threshold or an
overvoltage condition above the selected OV threshold will always be detected by the VMON circuit.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
128 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com