Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPF0900AVSA0ES Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPF0900AVSA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AVSA0ES Datasheet(HTML) 1 Page - NXP Semiconductors

  MPF0900AVSA0ES Datasheet HTML 1Page - NXP Semiconductors MPF0900AVSA0ES Datasheet HTML 2Page - NXP Semiconductors MPF0900AVSA0ES Datasheet HTML 3Page - NXP Semiconductors MPF0900AVSA0ES Datasheet HTML 4Page - NXP Semiconductors MPF0900AVSA0ES Datasheet HTML 5Page - NXP Semiconductors MPF0900AVSA0ES Datasheet HTML 6Page - NXP Semiconductors MPF0900AVSA0ES Datasheet HTML 7Page - NXP Semiconductors MPF0900AVSA0ES Datasheet HTML 8Page - NXP Semiconductors MPF0900AVSA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 205 page
background image
PF09
Nine-channel power management IC with advanced system safety monitoring
Rev. 1.3 — 16 December 2025
Product data sheet
1 Overview
The PF09 is a power management integrated circuit (PMIC) optimized for high performance i.MX9x based
applications. It Integrates multiple high-efficiency switch mode and linear voltage regulators to support
base system power from a pre-regulated system rail (3.3 V to 5.0 V). It provides low quiescent current in
STANDBY (STBY) and low-power Off modes. Built-in multiple time programmable configuration stores key
startup configurations, drastically reducing the number of external components typically used to set the output
voltage and sequence of external regulators. Regulator parameters are adjustable through high-speed I2C
communication after startup, offering flexibility for different system states.
The PF09 is developed in compliance with the ISO 26262 standard, including safety features, with Fail-safe
outputs and integrated self-test mechanisms, becoming part of a safety-oriented system partitioning targeting
high-integrity safety levels up to ASIL D, and complying with the IEC61508 industrial safety specification
targeting high safety integrity levels up to SIL 2.


Similar Part No. - MPF0900AVSA0ES

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MPF CRYDOM-MPF Datasheet
517Kb / 4P
PCB Mount
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
AC Motor Run Capacitors
logo
List of Unclassifed Man...
MPF ETC1-MPF Datasheet
136Kb / 2P
Metallized Polypropylene Film Capacitor
logo
Adam Technologies, Inc.
MPF-A-XX-H-T ADAM-TECH-MPF-A-XX-H-T Datasheet
80Kb / 1P
MICRO MATCH SOCKET
MPF-A-XX-SMT-T ADAM-TECH-MPF-A-XX-SMT-T Datasheet
82Kb / 1P
MICRO MATCH SOCKET
More results

Similar Description - MPF0900AVSA0ES

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
Stereo Audio Codec with advanced System Power Management
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
logo
Active-Semi, Inc
ACT8935 ACTIVE-SEMI-ACT8935 Datasheet
165Kb / 2P
Nine Channel ActivePath??Power Management IC
24-Sep-09
logo
STMicroelectronics
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
Power management system IC
08-Jul-2009
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
Power management system IC
08-Jul-2009
logo
Analog Devices
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
logo
Texas Instruments
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
System Power-Path Management IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
Power Management System IC
2015-6-5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com