Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39773 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39773
Description  Eurostyle Terminal Blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39773 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39773 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/26/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0397730002
Status:
Active
Overview:
Eurostyle Terminal Blocks
Description:
2.54mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, Green, 2 Circuits
Documents:
3D Model
3D Model (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39773
Application
N/A
Component Type
One Piece
Overview
Eurostyle Terminal Blocks
Product Name
Eurostyle Fixed Mount
Type
Euro Block
UPC
78172560833
Physical
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Green
Entry Angle
Horizontal
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.40mm
PCB Retention
None
PCB Thickness - Recommended
2.40mm
Panel Mount
No
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Polarized to Mating Part
N/A
Shrouded
Fully
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40° to +110°C
Wire Size AWG
16, 18, 20, 22, 24, 26, 28, 30
Wire Size mm²
0.05-1.31
Electrical
Current - Maximum per Contact
10.0A
Voltage - Maximum
150V
Material Info
Engineering Number
MX-MSD02004
Reference - Drawing Numbers
Sales Drawing
SD-39773-001-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Contained Per -
D(2021)4569-DC (8
July 2021)
Lead
Halogen-Free
Status
Low-Halogen
For more information, please visit Contact US
China ROHS
50 Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
39773 Series
This document was generated on 08/26/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39773

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3977 ALLEGRO-3977 Datasheet
569Kb / 18P
MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
logo
Adafruit Industries
3977 ADAFRUIT-3977 Datasheet
124Kb / 2P
Getting Started with Circuit Playground Express Book Bundle
10-15-18
logo
Multicomp Pro
3977 MULTICOMP-3977 Datasheet
209Kb / 1P
Crimp and Seal Terminal Kit - 115 Pcs
23/08/12 V1.0
logo
SCHOTT CORPORATION
39774 SCHOTT-39774 Datasheet
25Kb / 1P
INDUCTOR, PQ26X10.2 mm, 1 關H, 50 ADC
More results

Similar Description - 39773

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395430215 MOLEX11-0395430215 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430221 MOLEX11-0395430221 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430222 MOLEX11-0395430222 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430224 MOLEX11-0395430224 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430609 MOLEX11-0395430609 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430614 MOLEX11-0395430614 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430617 MOLEX11-0395430617 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430619 MOLEX11-0395430619 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
0395430620 MOLEX11-0395430620 Datasheet
2Mb / 8P
Eurostyle??ESE PCB Terminal Blocks Pluggable and Fixed Mount
logo
List of Unclassifed Man...
EB43-02-G ETC2-EB43-02-G Datasheet
223Kb / 1P
Terminal Blocks Eurostyle, PCB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com