Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9305A
Description  DUAL HIGH CURRENT RELAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305A Datasheet(HTML) 1 Page - STMicroelectronics

  L9305A Datasheet HTML 1Page - STMicroelectronics L9305A Datasheet HTML 2Page - STMicroelectronics L9305A Datasheet HTML 3Page - STMicroelectronics L9305A Datasheet HTML 4Page - STMicroelectronics L9305A Datasheet HTML 5Page - STMicroelectronics L9305A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
L9305A
January 1992
DUAL HIGH CURRENT RELAY DRIVER
.
HIGH OUTPUT CURRENT
.
HYSTERESIS INPUT COMPARATOR WITH
WIDE RANGE COMMON MODE OPERATION
AND GROUND COMPATIBLE INPUTS
.
INPUT COMPARATOR HYSTERESIS
.
INTERNAL THERMAL PROTECTION WITH
HYSTERESIS
.
INTERNAL OUTPUT OVERVOLTAGE CLAMP-
ING
.
SINGLE SUPPLY VOLTAGE (3.5V up to 18V)
DESCRIPTION
The L9305A is a monolithic interface circuit with dif-
ferentialinput comparator and open collector output
able to sink high current specifically to drive relays,
lamps, d.c. motors.
Particular care has been taken to protect the device
against destructive failures - short circuit of outputs
to VS, output overvoltages, supply overvoltage.
1/6
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
A built in thermal shut-down switches off the device
when the IC’s internal dissipation becomes too great
and the chip temperature exceeds a set security
threshold.
A hysteresis input comparatorincreases the interfa-
ce’s noise immunity, allowing the correct use also in
critical environments as automotive or industrial ap-
plications.
Powerdip (8 + 8)
ORDERING NUMBER : L9305A
BLOCK DIAGRAM


Similar Part No. - L9305A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9305 STMICROELECTRONICS-L9305 Datasheet
1Mb / 107P
Automotive 4-channel valve driver
25-Nov-2021
L9305 STMICROELECTRONICS-L9305 Datasheet
4Mb / 107P
Automotive 4-channel valve driver
04-Jun-2024
L9305EP STMICROELECTRONICS-L9305EP Datasheet
1Mb / 107P
Automotive 4-channel valve driver
25-Nov-2021
L9305EP STMICROELECTRONICS-L9305EP Datasheet
4Mb / 107P
Automotive 4-channel valve driver
04-Jun-2024
L9305EP-TR STMICROELECTRONICS-L9305EP-TR Datasheet
1Mb / 107P
Automotive 4-channel valve driver
25-Nov-2021
More results

Similar Description - L9305A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C918 NSC-MM74C918 Datasheet
153Kb / 6P
Dual CMOS 30V Relay Driver
logo
List of Unclassifed Man...
G8JR ETC-G8JR Datasheet
36Kb / 2P
Automotive High Current Relay
logo
National Semiconductor ...
DS3686 NSC-DS3686 Datasheet
130Kb / 6P
Dual Positive Voltage Relay Driver
logo
Gamewell-FCI by Honeywe...
HRU GAMEWELL-FCI-HRU Datasheet
52Kb / 1P
High Current Relay Unit
logo
Infineon Technologies A...
TLE4247 INFINEON-TLE4247 Datasheet
289Kb / 14P
Constant Current Relay Driver
Rev. 1.01, May 2010
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-0820 AVAGO-ACPL-0820 Datasheet
390Kb / 10P
High Current Dual Line-Driver IC 1.5 APP driving current
logo
Infineon Technologies A...
TLE4247EL30 INFINEON-TLE4247EL30 Datasheet
1Mb / 14P
Constant Current Relay Driver
Rev. 1.0, 2013-06-18
logo
American Electronic Com...
DG86 AEC-DG86 Datasheet
399Kb / 2P
high current automotive relay
logo
Willow Technologies Ltd
DG86 WILLOW-DG86 Datasheet
399Kb / 2P
high current automotive relay
logo
OEN India Limited
OEN84H OENINDIA-OEN84H Datasheet
452Kb / 2P
HIGH CURRENT RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com