Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1577 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1577
Description  SIMPLE SWITCHER짰 Step-Up Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1577 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1577 Datasheet HTML 1Page - National Semiconductor (TI) LM1577 Datasheet HTML 2Page - National Semiconductor (TI) LM1577 Datasheet HTML 3Page - National Semiconductor (TI) LM1577 Datasheet HTML 4Page - National Semiconductor (TI) LM1577 Datasheet HTML 5Page - National Semiconductor (TI) LM1577 Datasheet HTML 6Page - National Semiconductor (TI) LM1577 Datasheet HTML 7Page - National Semiconductor (TI) LM1577 Datasheet HTML 8Page - National Semiconductor (TI) LM1577 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM1577/LM2577
SIMPLE SWITCHER® Step-Up Voltage Regulator
General Description
The LM1577/LM2577 are monolithic integrated circuits that
provide all of the power and control functions for step-up
(boost), flyback, and forward converter switching regulators.
The device is available in three different output voltage
versions: 12V, 15V, and adjustable.
Requiring a minimum number of external components, these
regulators are cost effective, and simple to use. Listed in this
data sheet are a family of standard inductors and flyback
transformers designed to work with these switching regula-
tors.
Included on the chip is a 3.0A NPN switch and its associated
protection circuitry, consisting of current and thermal limiting,
and undervoltage lockout. Other features include a 52 kHz
fixed-frequency oscillator that requires no external compo-
nents, a soft start mode to reduce in-rush current during
start-up, and current mode control for improved rejection of
input voltage and output load transients.
Features
n
Requires few external components
n
NPN output switches 3.0A, can stand off 65V
n
Wide input voltage range: 3.5V to 40V
n
Current-mode operation for improved transient
response, line regulation, and current limit
n
52 kHz internal oscillator
n
Soft-start function reduces in-rush current during start-up
n
Output switch protected by current limit, under-voltage
lockout, and thermal shutdown
Typical Applications
n
Simple boost regulator
n
Flyback and forward regulators
n
Multiple-output regulator
Connection Diagrams
Straight Leads
5-Lead TO-220 (T)
Bent, Staggered Leads
5-Lead TO-220 (T)
01146804
Top View
Order Number LM2577T-12, LM2577T-15,
or LM2577T-ADJ
See NS Package Number T05A
01146805
Top View
Order Number LM2577T-12 Flow LB03, LM2577T-15
Flow LB03, or LM2577T-ADJ Flow LB03
See NS Package Number T05D
SIMPLE SWITCHER® is a registered trademark of National Semiconductor Corporation.
April 2005
© 2005 National Semiconductor Corporation
DS011468
www.national.com


Similar Part No. - LM1577

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
SIMPLE SWITCHER Step-Up Voltage Regulator
logo
Texas Instruments
LM1577 TI1-LM1577 Datasheet
4Mb / 42P
SIMPLE SWITCHER짰 Step-Up Voltage Regulator
logo
National Semiconductor ...
LM1577-12 NSC-LM1577-12 Datasheet
889Kb / 27P
SIMPLE SWITCHER Step-Up Voltage Regulator
LM1577-15 NSC-LM1577-15 Datasheet
889Kb / 27P
SIMPLE SWITCHER Step-Up Voltage Regulator
LM1577-ADJ NSC-LM1577-ADJ Datasheet
889Kb / 27P
SIMPLE SWITCHER Step-Up Voltage Regulator
More results

Similar Description - LM1577

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LMR64010 NSC-LMR64010 Datasheet
376Kb / 12P
SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
logo
Texas Instruments
LMR64010 TI1-LMR64010 Datasheet
354Kb / 14P
SIMPLE SWITCHER짰 40Vout, 1A Step-Up Voltage Regulator in SOT-23
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2577SX-ADJNOPB TI1-LM2577SX-ADJNOPB Datasheet
4Mb / 42P
SIMPLE SWITCHER짰 Step-Up Voltage Regulator
LMR62014 TI1-LMR62014_14 Datasheet
1Mb / 22P
SIMPLE SWITCHER짰 20Vout, 1.4A Step-Up Voltage Regulator in SOT-23
LMR62421 TI1-LMR62421_14 Datasheet
1Mb / 32P
SIMPLE SWITCHER짰 24Vout, 2.1A Step-Up Voltage Regulator in SOT-23
LMR61428 TI-LMR61428_15 Datasheet
959Kb / 20P
LMR61428 SIMPLE SWITCHER짰 14Vout, 2.85A Step-Up Voltage Regulator in VSSOP
LM1577 TI-LM1577_15 Datasheet
4Mb / 42P
LM1577/LM2577 SIMPLE SWITCHER짰 Step-Up Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com