Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2588 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2588
Description  SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2588 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM2588 Datasheet HTML 17Page - National Semiconductor (TI) LM2588 Datasheet HTML 18Page - National Semiconductor (TI) LM2588 Datasheet HTML 19Page - National Semiconductor (TI) LM2588 Datasheet HTML 20Page - National Semiconductor (TI) LM2588 Datasheet HTML 21Page - National Semiconductor (TI) LM2588 Datasheet HTML 22Page - National Semiconductor (TI) LM2588 Datasheet HTML 23Page - National Semiconductor (TI) LM2588 Datasheet HTML 24Page - National Semiconductor (TI) LM2588 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Typical Performance Characteristics
Typical Boost Regulator
Applications
Figure 36 and 38 through 40 show four typical boost
applications — one fixed and three using the adjustable ver-
sion of the LM2588. Each drawing contains the part num-
ber(s) and manufacturer(s) for every component. For the
fixed 12V output application, the part numbers and manufac-
turers’ names for the inductor are listed in a table in Figure
37. For applications with different output voltages, refer to
the Switchers Made Simplesoftware.
01242062
A: Switch Voltage,10V/div
B: Switch Current, 5A/div
C: Inductor Current, 5A/div
D: Output Ripple Voltage,
100 mV/div, AC-Coupled
FIGURE 34. Switching Waveforms
01242063
FIGURE 35. V
OUT Response to Load Current Step
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com