Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7915AC Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7915AC
Description  2% NEGATIVE VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7915AC Datasheet(HTML) 1 Page - STMicroelectronics

  L7915AC Datasheet HTML 1Page - STMicroelectronics L7915AC Datasheet HTML 2Page - STMicroelectronics L7915AC Datasheet HTML 3Page - STMicroelectronics L7915AC Datasheet HTML 4Page - STMicroelectronics L7915AC Datasheet HTML 5Page - STMicroelectronics L7915AC Datasheet HTML 6Page - STMicroelectronics L7915AC Datasheet HTML 7Page - STMicroelectronics L7915AC Datasheet HTML 8Page - STMicroelectronics L7915AC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
L7900AC
SERIES
2% NEGATIVE VOLTAGE REGULATORS
November 1999
s
OUTPUT CURRENT UP TO 1.5 A
s
OUTPUT VOLTAGES OF -5; -5.2; -6; -8; -12;
-15; -18; -20; -22; -24V
s
THERMAL OVERLOAD PROTECTION
s
SHORT CIRCUIT PROTECTION
s
OUTPUT TRANSITION SOA PROTECTION
DESCRIPTION
The L7900AC series of three-terminal negative
regulators is available in TO-220 and D
2PAK
packages and several fixed output voltages.
These regulators can provide local on-card
regulation, eliminating the distribution problems
associated
with
single
point
regulation;
furthermore, having the same voltage option as
the L7800A positive standard series, they are
particularly suited for split power supplies. In
addition, the -5.2V is also available for ECL
system.
If adequate heat sinking is provided,
they can deliver over 1.5A output current.
Although designed primarily as fixed voltage
regulators, these devices can be used with
external
components
to
obtain
adjustable
voltages and currents.
TO-220
1
3
D
2PAK
SCHEMATIC DIAGRAM
®
1/11


Similar Part No. - L7915AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7915AC STMICROELECTRONICS-L7915AC Datasheet
352Kb / 13P
2% NEGATIVE VOLTAGE REGULATORS
22-Jun-2004
L7915AC STMICROELECTRONICS-L7915AC Datasheet
748Kb / 20P
2 % negative voltage regulators
18-Feb-2008
L7915AC STMICROELECTRONICS-L7915AC Datasheet
748Kb / 20P
2 % negative voltage regulatorsm
18-Feb-2008
L7915ACD2T STMICROELECTRONICS-L7915ACD2T Datasheet
414Kb / 16P
NEGATIVE VOLTAGE REGULATORS
Feb-2003
L7915ACD2T STMICROELECTRONICS-L7915ACD2T Datasheet
352Kb / 13P
2% NEGATIVE VOLTAGE REGULATORS
22-Jun-2004
More results

Similar Description - L7915AC

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
Negative-Voltage Regulators
logo
STMicroelectronics
L7900AC STMICROELECTRONICS-L7900AC_07 Datasheet
352Kb / 13P
2% NEGATIVE VOLTAGE REGULATORS
22-Jun-2004
logo
Texas Instruments
MC79L00 TI-MC79L00_08 Datasheet
324Kb / 13P
NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
Negative voltage regulators
05-Dec-2007
L7905AC STMICROELECTRONICS-L7905AC_08 Datasheet
748Kb / 20P
2 % negative voltage regulators
18-Feb-2008
L7905C STMICROELECTRONICS-L7905C_08 Datasheet
402Kb / 21P
Negative voltage regulators
15-Jul-2008
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
Negative voltage regulators
15-May-2012
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
NEGATIVE-VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com