Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS921 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS921
Description  Rail-to-Rail High Output Current Single Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS921 Datasheet(HTML) 1 Page - STMicroelectronics

  TS921_05 Datasheet HTML 1Page - STMicroelectronics TS921_05 Datasheet HTML 2Page - STMicroelectronics TS921_05 Datasheet HTML 3Page - STMicroelectronics TS921_05 Datasheet HTML 4Page - STMicroelectronics TS921_05 Datasheet HTML 5Page - STMicroelectronics TS921_05 Datasheet HTML 6Page - STMicroelectronics TS921_05 Datasheet HTML 7Page - STMicroelectronics TS921_05 Datasheet HTML 8Page - STMicroelectronics TS921_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev 3
14
November 2005
1/14
TS921
Rail-to-Rail High Output Current
Single Operational Amplifier
■ Rail-to-rail input and output
■ Low noise: 9nV/
√Hz
■ Low distortion
■ High output current: 80mA (able to drive 32
Ω
loads)
■ High-speed: 4MHz, 1V/
µs
■ Operating from 2.7V to 12V
■ ESD internal protection: 1.5kV
■ Latch-up immunity
■ Macromodel included in this specification
Description
The TS921 is a rail-to-rail single
BiCMOS
operational amplifier optimized and fully specified
for 3V and 5V operation.
Its
high
output
current
allows
low-load
impedances to be driven.
The TS921 exhibits very low noise, low distortion
and low offset. It has a high output current
capability which makes this device an excellent
choice for high quality, low voltage or battery-
operated audio systems.
The device is stable for capacitive loads up to
500pF.
Applications
■ Headphone amplifier
■ Piezoelectric speaker driver
■ Sound cards, multimedia systems
■ Line driver, actuator driver
■ Servo amplifier
■ Mobile phone and portable communication
sets
■ Instrumentation with low noise as key factor
N
DIP8
(Plastic Package)
Pin connections (top view)
D
SO-8
(Plastic Micropackage)
P
TSSOP8
(Thin Shrink Small Outline Package)
1
2
3
45
6
7
8
-
+
Inverting Input
N.C.
Non-inverting Input
VCC
VCC+
Output
N.C.
N.C.
www.st.com


Similar Part No. - TS921_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921I STMICROELECTRONICS-TS921I Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS921IDT STMICROELECTRONICS-TS921IDT Datasheet
5Mb / 6P
Training kit for operational amplifiers and comparators
More results

Similar Description - TS921_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
Sep-2003
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS924 STMICROELECTRONICS-TS924_05 Datasheet
385Kb / 14P
Rail-to-rail High Output Current Quad Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
logo
New Japan Radio
NJU7036 NJRC-NJU7036 Datasheet
1Mb / 16P
High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
Rail-to-Rail Output Single CMOS Operational Amplifier
logo
STMicroelectronics
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com