Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP7-P010VA1-R8000 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # WP7-P010VA1-R8000
Description  Board-to-Board (FPC) connector, 10 pos., 0.4mm pitch, 2rows, 0.7mm stacking height, SMT, Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

WP7-P010VA1-R8000 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  WP7-P010VA1-R8000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. WP7-P010VA1-R8000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. WP7-P010VA1-R8000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
We may separately give you our support with a quality assurance program that
you specify, when you think of a use such as :
Aviation or space equipment, submarine repeaters, nuclear power control systems, medical
equipment for life support, etc.
*
Recommended applications include:
(2)
Computers, office appliances, telecommunications devices (terminals, mobile units),
measuring equipment, audiovisual equipment, home electric appliances, factory
automation equipment, etc
*



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com