Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS921ID/IDT Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS921ID/IDT
Description  Rail-to-Rail High Output Current Single Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS921ID/IDT Datasheet(HTML) 3 Page - STMicroelectronics

  TS921ID/IDT Datasheet HTML 1Page - STMicroelectronics TS921ID/IDT Datasheet HTML 2Page - STMicroelectronics TS921ID/IDT Datasheet HTML 3Page - STMicroelectronics TS921ID/IDT Datasheet HTML 4Page - STMicroelectronics TS921ID/IDT Datasheet HTML 5Page - STMicroelectronics TS921ID/IDT Datasheet HTML 6Page - STMicroelectronics TS921ID/IDT Datasheet HTML 7Page - STMicroelectronics TS921ID/IDT Datasheet HTML 8Page - STMicroelectronics TS921ID/IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TS921
Absolute Maximum Ratings
3/14
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Table 2.
Operating conditions
Symbol
Parameter
Condition
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltage are with respect to network ground terminal.
14
V
Vid
Differential Input Voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. If Vid > ±1V,
the maximum input current must not exceed ±1mA. In this case (Vid > ±1V) an input serie resistor must be
added to limit input current.
±1
V
Vi
Input Voltage
VDD-0.3 to VCC+0.3
V
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to
Ambient
SO-8
TSSOP8
DIP8
125
120
85
°C/W
Rthjc
Thermal Resistance Junction to
Case
SO-8
TSSOP8
DIP8
40
37
41
°C/W
ESD
Electro-Static Discharge
HBM
Human Body Model(3)
3.
Human body model, 100pF discharged through a 1.5k
Ω resistor into pin of device.
1.5
kV
MM
Machine Model(4)
4.
Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with
no external series resistor (internal resistor < 5
Ω), into pin to pin of device.
100
V
CDM
Charged Device Model
1.5
kV
Output Short Circuit Duration
see note(5)
5.
There is no short-circuit protection inside the device: short-circuits from the output to Vcc can cause excessive
heating. The maximum output current is approximately 80mA, independent of the magnitude of Vcc. Destructive
dissipation can result from simultaneous short-circuits on all amplifiers.
Latch-up Immunity
200
mA
Soldering Temperature
10sec,
Standard package
250
°C
10sec,
Pb-free package
260
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2.7 to 12
V
Vicm
Common Mode Input Voltage Range
VDD -0.2 to VCC +0.2
V
Toper
Operating Free Air Temperature Range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com