Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L165 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L165
Description  3A POWER OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L165 Datasheet(HTML) 2 Page - STMicroelectronics

  L165 Datasheet HTML 1Page - STMicroelectronics L165 Datasheet HTML 2Page - STMicroelectronics L165 Datasheet HTML 3Page - STMicroelectronics L165 Datasheet HTML 4Page - STMicroelectronics L165 Datasheet HTML 5Page - STMicroelectronics L165 Datasheet HTML 6Page - STMicroelectronics L165 Datasheet HTML 7Page - STMicroelectronics L165 Datasheet HTML 8Page - STMicroelectronics L165 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
L165
2/9
ABSOLUTE MAXIMUM RATINGS
PIN CONNECTION (Top view)
SCHEMATIC DIAGRAM
THERMAL DATA
Symbol
Parameter
Value
Unit
VS
Supply voltage
± 18
V
V5 V4
Upper power transistor VCE
36
V
V4 V3
Lower power transistor VCE
36
V
Vi
Input voltage
VS
Vj
Differential input voltage
± 15
V
Io
Peak output current (internally limited)
3.5
A
Ptot
Power dissipation at Tcase = 90°C
20
W
Tstg, Tj
Storage and junction temperature
-40 to 150
°C
Symbol
Parameter
Value
Unit
Rth-j-case
Thermal resistance junction-case
max
3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com