Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF5440BCDZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5440BCDZ
Description  Flip Chip, Silicon SP4T Switch, 1GHz to 81GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5440BCDZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5440BCDZ Datasheet HTML 9Page - Analog Devices ADRF5440BCDZ Datasheet HTML 10Page - Analog Devices ADRF5440BCDZ Datasheet HTML 11Page - Analog Devices ADRF5440BCDZ Datasheet HTML 12Page - Analog Devices ADRF5440BCDZ Datasheet HTML 13Page - Analog Devices ADRF5440BCDZ Datasheet HTML 14Page - Analog Devices ADRF5440BCDZ Datasheet HTML 15Page - Analog Devices ADRF5440BCDZ Datasheet HTML 16Page - Analog Devices ADRF5440BCDZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
ADRF5440
THEORY OF OPERATION
analog.com
Rev. A | 13 of 18
The ADRF5440 integrates a driver to perform logic functions inter-
nally and provides the user with the advantage of a simplified
CMOS-/LVTTL-compatible control interface. This driver features two
digital control input pins, V1 and V2. The logic level applied to the
control pins determine which RF port is in the insertion loss state
and in the isolation state (see Table 7).
Table 7. Control Voltage Truth Table
Digital Control Inputs
RFx Paths
V1
V2
RFC to RF1
RFC to RF2
RFC to RF3
RFC to RF4
Low
Low
Insertion loss (on)
Isolation (off)
Isolation (off)
Isolation (off)
High
Low
Isolation (off)
Insertion loss (on)
Isolation (off)
Isolation (off)
Low
High
Isolation (off)
Isolation (off)
Insertion loss (on)
Isolation (off)
High
High
Isolation (off)
Isolation (off)
Isolation (off)
Insertion loss (on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com