Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9341 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9341
Description  QUAD LOW SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9341 Datasheet(HTML) 2 Page - STMicroelectronics

  L9341 Datasheet HTML 1Page - STMicroelectronics L9341 Datasheet HTML 2Page - STMicroelectronics L9341 Datasheet HTML 3Page - STMicroelectronics L9341 Datasheet HTML 4Page - STMicroelectronics L9341 Datasheet HTML 5Page - STMicroelectronics L9341 Datasheet HTML 6Page - STMicroelectronics L9341 Datasheet HTML 7Page - STMicroelectronics L9341 Datasheet HTML 8Page - STMicroelectronics L9341 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
VCC Voltage Range
-0.3 to 6
V
VS
VS Voltage Range
-0.3 to 24
V
Vspmax
VS Voltage Range for t
≤ 400ms
-2 to 40
V
Vst
Schaffner Transient Pulses on VS
see note 1
V
Vin
Input Voltage Range for SDI; SCLK;CS;RES1;RES2
-0.3to VCC+0.3
Vout
Output Voltage Range for all Outputs:
Negative
Positive
– 0.3
intern. clamped to VS
V
V
Iout
Output Current for all Outputs:
Negative
Positive
–2
+2
A
A
for Transient with t < 10ms
Negative
Positive
–5
5
A
A
Schaffner Transient Pulses on Output
see note 2
VESD
ESD Voltage Capability (MIL 883 C)
1500
V
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction to Case
3
°C/W
Rth j-amb
Thermal Resistance Junction to Ambient mounted on PC Board
35
°C/W
Tsdh
Thermal Hysteresis
20
°C
Tsd
Thermal Diagnostic
Tj > 150
°C
Notes:
1. Schaffner transient specification: DIN 40839 test waveforms of the following type: 1, 2, 3a, 3b, 5 and 6.
The pulses are applied to the application circuit according to fig. 3.
2. The maximum output current results from the Schaffner pulses specified in note 1.
PIN CONNECTION (Top view)
L9341
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com