Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD441DPYR Datasheet(PDF) 9 Page - Texas Instruments

Part # ESD441DPYR
Description  ESD441 1-Channel ±30kV Unidirectional ESD Diode in an 0201 and 0402 Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD441DPYR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ESD441DPYR Datasheet HTML 5Page - Texas Instruments ESD441DPYR Datasheet HTML 6Page - Texas Instruments ESD441DPYR Datasheet HTML 7Page - Texas Instruments ESD441DPYR Datasheet HTML 8Page - Texas Instruments ESD441DPYR Datasheet HTML 9Page - Texas Instruments ESD441DPYR Datasheet HTML 10Page - Texas Instruments ESD441DPYR Datasheet HTML 11Page - Texas Instruments ESD441DPYR Datasheet HTML 12Page - Texas Instruments ESD441DPYR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
5.7 Typical Characteristics (continued)
Time (ns)
-20
0
20
40
60
80
100 120 140 160 180
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
Figure 5-13. -8kV Clamped IEC Waveform (DPY)
Bias Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
700
740
780
820
860
900
940
980
1020
1060
1100
Figure 5-14. Bias Voltage vs. Capacitance (DPY)
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
0.85
0.875
0.9
0.925
0.95
0.975
1
1.025
1.05
1.075
1.1
Figure 5-15. Temperature vs. Capacitance (DPY)
Te mperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Figure 5-16. Temperature vs. Leakage Current (DPY)
Frequency (GHz)
0.01
0.02
0.05
0.1
0.2 0.3 0.5 0.7 1
2
3 4
-6
-5.5
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
Figure 5-17. Insertion Loss (DPY)
www.ti.com
ESD441
SLVSH26B – APRIL 2023 – REVISED DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ESD441



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com