Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO6420DWVR Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO6420DWVR
Description  ISO642x General-Purpose, Basic and Reinforced, Dual-Channel Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO6420DWVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO6420DWVR Datasheet HTML 17Page - Texas Instruments ISO6420DWVR Datasheet HTML 18Page - Texas Instruments ISO6420DWVR Datasheet HTML 19Page - Texas Instruments ISO6420DWVR Datasheet HTML 20Page - Texas Instruments ISO6420DWVR Datasheet HTML 21Page - Texas Instruments ISO6420DWVR Datasheet HTML 22Page - Texas Instruments ISO6420DWVR Datasheet HTML 23Page - Texas Instruments ISO6420DWVR Datasheet HTML 24Page - Texas Instruments ISO6420DWVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
8.3 Feature Description
Table 8-1 provides an overview of the device features.
Table 8-1. Device Features
PART NUMBER
CHANNEL DIRECTION
MAXIMUM DATA
RATE
DEFAULT OUTPUT
PACKAGE
ISO6420
2 Forward
0 Reverse
150Mbps
High
D-8 , DWV-8
ISO6420F
2 Forward
0 Reverse
150Mbps
Low
D-8 , DWV-8
ISO6421
1 Forward
1 Reverse
150Mbps
High
D-8 , DWV-8
ISO6421F
1 Forward
1 Reverse
150Mbps
Low
D-8 , DWV-8
8.3.1 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances
are defined and tested by international standards such as IEC 61000-4-x and CISPR 32. Although system-level
performance and reliability depends, to a large extent, on the application board design and layout, the ISO642x
family of devices incorporates many chip-level design techniques to help overall system robustness.
8.4 Device Functional Modes
The following table lists the functional modes for the ISO642x devices.
Table 8-2. Function Table
VCCI(1)
VCCO
INPUT
(INx)
OUTPUT
(OUTx)
COMMENTS
PU
PU
H
H
Normal Operation: A channel output assumes the logic state of the input.
L
L
Open
Default
Default mode: When INx is open, the corresponding channel output goes to
the default logic state. Default is High for ISO642x and Low for ISO642xF (with
F suffix).
PD
PU
X
Default
Default mode: When VCCI is unpowered, a channel output assumes the logic
state based on the selected default option. Default is High for ISO642x and
Low for ISO642xF (with F suffix).
When VCCI transitions from unpowered to powered-up, a channel output
assumes the logic state of the input.
When VCCI transitions from powered-up to unpowered, channel output
assumes the selected default state.
X
PD
X
Undetermined
When VCCO is unpowered, a channel output is undetermined(2). When VCCO
transitions from unpowered to powered-up, a channel output assumes the
logic state of the input.
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC; PU = Powered up (VCC ≥ VCC_RO(MIN)); PD = Powered down (VCC ≤ VCC_UVLO–); X =
Irrelevant; H = High level; L = Low level; Z = High Impedance
(2)
The outputs are in undetermined state when VCC_UVLO– ≤ VCCI or VCCO < VCC ≥ VCC_RO(MIN).
www.ti.com
ISO6420, ISO6421
SLLSG12 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO6420 ISO6421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com