Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40SA Datasheet(PDF) 2 Page - Weller Tools

Part # 40SA
Description  SMD tweezers with round tips, dia. 0.4 mm/.015 Inch. Serrated finger grips for secure handling. For gripping small wires and cylindrical components.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

40SA Datasheet(HTML) 2 Page - Weller Tools

  40SA Datasheet HTML 1Page - Weller Tools 40SA Datasheet HTML 2Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PROFESSIONAL
Product Information
Technical Data
Length mm
110
Length inches
4.331
Tweezer shape
Round tips, dia. 0.4 mm with finger grips
Erem applications
Microelectronic
Material
Special stainless steel
Weight in g
16
Weight in oz
0.564
Weller Tools GmbH
Carl-Benz-Straße 2
74354 Besigheim
Germany
Phone: +49 (0) 7143 / 580-0
Fax.:
+49 (0) 7143 / 580-108
Email: info@weller-tools.com
Web:
www.weller-tools.com
CONTACT US



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com