Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG6457AM Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CG6457AM
Description  FAN Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CG6457AM Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CG6457AM Datasheet HTML 9Page - Cypress Semiconductor CG6457AM Datasheet HTML 10Page - Cypress Semiconductor CG6457AM Datasheet HTML 11Page - Cypress Semiconductor CG6457AM Datasheet HTML 12Page - Cypress Semiconductor CG6457AM Datasheet HTML 13Page - Cypress Semiconductor CG6457AM Datasheet HTML 14Page - Cypress Semiconductor CG6457AM Datasheet HTML 15Page - Cypress Semiconductor CG6457AM Datasheet HTML 16Page - Cypress Semiconductor CG6457AM Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
May 2005
Document No. 001-00353 Rev. **
13
3.
Electrical Specifications
This chapter presents the DC and AC electrical specifications of the CG64xxAM PSoC device. For the most up to date electrical
specifications, confirm that you have the most recent data sheet by going to the web at http://www.cypress.com/psoc.
Specifications are valid for -40oC
≤ TA ≤ 85oC and TJ ≤ 100oC, except where noted.
Figure 3-1. Vdd Voltage versus CPU Frequency
The following table lists the units of measure that are used in this chapter.
Table 3-1: Units of Measure
Symbol
Unit of Measure
Symbol
Unit of Measure
oC
degree Celsius
µW
microwatts
dB
decibels
mA
milli-ampere
fF
femto farad
ms
milli-second
Hz
hertz
mV
milli-volts
KB
1024 bytes
nA
nanoampere
Kbit
1024 bits
ns
nanosecond
kHz
kilohertz
nV
nanovolts
k
Ω
kilohm
Ω
ohm
MHz
megahertz
pA
picoampere
M
Ω
megaohm
pF
picofarad
µA
microampere
pp
peak-to-peak
µF
microfarad
ppm
parts per million
µH
microhenry
ps
picosecond
µs
microsecond
sps
samples per second
µV
microvolts
σ
sigma: one standard deviation
µVrms
microvolts root-mean-square
V
volts
5.25
4.75
3.00
93kHz
12MHz
24MHz
CPUFrequency
2.40
3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com