Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USX2064 Datasheet(PDF) 8 Page - Microchip Technology

Part # USX2064
Description  USB 2.0 Hi-Speed 4-Port Hub Controller with Battery Charging
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USX2064 Datasheet(HTML) 8 Page - Microchip Technology

Back Button USX2064 Datasheet HTML 4Page - Microchip Technology USX2064 Datasheet HTML 5Page - Microchip Technology USX2064 Datasheet HTML 6Page - Microchip Technology USX2064 Datasheet HTML 7Page - Microchip Technology USX2064 Datasheet HTML 8Page - Microchip Technology USX2064 Datasheet HTML 9Page - Microchip Technology USX2064 Datasheet HTML 10Page - Microchip Technology USX2064 Datasheet HTML 11Page - Microchip Technology USX2064 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
USX2064
DS00001986E-page 8
2023 Microchip Technology Inc and its subsidiaries.
3.2
Pin List (Alphabetical)
TABLE 3-1:
USX2064 PIN LIST
Symbol
Name
Pin Numbers
BC_EN1
Battery Charging Strap Option
12
BC_EN2
16
BC_EN3
18
BC_EN4
20
CFG_SEL0
Configuration Programming Selection
24
CFG_SEL1
25
CLKIN
External Clock Input
33
CRFILT
Core Regulator Filter Capacitor
14
Ground Pad
Exposed Pad Tied to Ground (VSS)
ePad
HS_IND
Hi-Speed Upstream Port Indicator
25
LOCAL_PWR
Local Power Detection
28
NC
No Connect
6
NC
7
NC
18
NC
19
NC
8
NC
9
NC
20
NC
21
NON_REM0
Non-Removable Port Strap Option
28
NON_REM1
22
OCS_N1
Over-Current Sense
13
OCS_N2
17
OCS_N3
19
OCS_N4
21
PLLFILT
PLL Regulator Filter Capacitor
34
PRT_DIS_M1
Downstream Port Disable Strap Option
1
PRT_DIS_M2
3
PRT_DIS_M3
6
PRT_DIS_M4
8
PRT_DIS_P1
Port Disable
2
PRT_DIS_P2
4
PRT_DIS_P3
7
PRT_DIS_P4
9
PRTPWR1
USB Port Power Enable
12
PRTPWR2
16
PRTPWR3
18
PRTPWR4
20
RBIAS
USB Transceiver Bias
35
RESET_N
Reset Input
26
SCL
Serial Clock
24
SDA
Serial Data Signal
22
SMBCLK
System Management Bus Clock
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com