Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DP314OXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2DP314OXI
Description  1:4 Differential Clock/Data Fanout Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP314OXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2DP314OXI Datasheet HTML 2Page - Cypress Semiconductor CY2DP314OXI Datasheet HTML 3Page - Cypress Semiconductor CY2DP314OXI Datasheet HTML 4Page - Cypress Semiconductor CY2DP314OXI Datasheet HTML 5Page - Cypress Semiconductor CY2DP314OXI Datasheet HTML 6Page - Cypress Semiconductor CY2DP314OXI Datasheet HTML 7Page - Cypress Semiconductor CY2DP314OXI Datasheet HTML 8Page - Cypress Semiconductor CY2DP314OXI Datasheet HTML 9Page - Cypress Semiconductor CY2DP314OXI Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY2DP314
Document #: 38-07550 Rev.*G
Page 6 of 10
Test Configuration
Standard test load using a differential pulse generator and
differential measurement instrument.
Supplemental Parametric Information
Pu ls e
G enerator
Z = 50 ohm
Z o = 50 o h m
VTT
VT T
R T = 50 ohm
Z o = 50 ohm
VT T
5"
5"
VTT
R T = 50 ohm
DU T
C Y 2D P 3 14
R T = 50 o h m
R T = 50 o h m
Figure 5. CY2DP314 AC Test Reference
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Offset Frequency (Hz)
100 Hz
1 KHz
10 KHz
100 KHz
1 MHz
10 MHz
100 MHz
10 GbE Filter
Raw Phase Noise Data
Raw Data plus 10 GbE Filter
RMS Phase Jitter:
0.159 ps typical @ 156.25 MHz, 10 GbE Filter (1.875 MHz – 20 MHz)
0.175 ps typical @ 156.25 MHz, Broadband (Raw Data from 10 Hz – 20 MHz)
10 Hz
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Offset Frequency (Hz)
100 Hz
1 KHz
10 KHz
100 KHz
1 MHz
10 MHz
100 MHz
10 GbE Filter
Raw Phase Noise Data
Raw Data plus 10 GbE Filter
RMS Phase Jitter:
0.159 ps typical @ 156.25 MHz, 10 GbE Filter (1.875 MHz – 20 MHz)
0.175 ps typical @ 156.25 MHz, Broadband (Raw Data from 10 Hz – 20 MHz)
10 Hz
Figure 6. Typical Phase-noise Characteristics at 156.25 MHz, 3.3V, Room Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com