Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6932 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6932
Description  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6932 Datasheet HTML 3Page - STMicroelectronics L6932 Datasheet HTML 4Page - STMicroelectronics L6932 Datasheet HTML 5Page - STMicroelectronics L6932 Datasheet HTML 6Page - STMicroelectronics L6932 Datasheet HTML 7Page - STMicroelectronics L6932 Datasheet HTML 8Page - STMicroelectronics L6932 Datasheet HTML 9Page - STMicroelectronics L6932 Datasheet HTML 10Page - STMicroelectronics L6932 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
L6932
Multilayer ceramic caps have the lowest ESR and can be required for particular applications. Nevertheless in
several applications they are ok, the loop stability issue has to be considered (see loop stability section).
Below a list of some suggested capacitor manufacturers.
Loop Stability
The stability of the loop is affected by the zero introduced by the output capacitor.
The time constant of the zero is given by:
This zero helps to increase the phase margin of the loop until the time constant is higher than some hundreds
of nsec, depending also on the output voltage and current.
So, using very low ESR ceramic capacitors could produce oscillations at the output, in particular when regulating
high output voltages (adjustable version).
To solve this issue is sufficient to add a small capacitor (e.g. 1nF to 10nF) in parallel to the high side resistor of
the external divider, as shown in figure 9.
Figure 9. Compensation Network
Thermal Considerations
Since the device is housed in a small SO(4+2+2) package the thermal issue can be the bottleneck of many ap-
plications. The power dissipated by the device is given by:
PDISS = (VIN - VOUT) · IOUT
Manufacturer
Type
Cap Value (
µF)
Rated Voltage (V)
PANASONIC
CERAMIC
1 to 47
4 to 16
TAYO YUDEN
CERAMIC
1 to 47
4 to 16
TDK
CERAMIC
1 to 47
4 to 16
TOKIN
CERAMIC
1 to 47
4 to 16
SANYO
POSCAP
1 to 47
4 to 16
PANASONIC
SP
1 to 47
4 to 16
KEMET
TANTALUM
1 to 47
4 to 16
TESR C
OUT
⋅
=
F
ZERO
1
2
π ESR C
OUT
⋅
⋅
--------------------------------------------
=
VOUT=1.2V TO 5V
UP to 2A
VIN=2V TO 14V
C1
OUT
1
3
7
5
6
4
8
2
L6932D1.2
GND
C2
IN
EN
ADJ
R1
R2
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com