Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP55N06 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDP55N06
Description  N-Channel UniFET™ MOSFET 60 V, 55 A, 22 mΩ
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDP55N06 Datasheet(HTML) 2 Page - ON Semiconductor

  FDP55N06 Datasheet HTML 1Page - ON Semiconductor FDP55N06 Datasheet HTML 2Page - ON Semiconductor FDP55N06 Datasheet HTML 3Page - ON Semiconductor FDP55N06 Datasheet HTML 4Page - ON Semiconductor FDP55N06 Datasheet HTML 5Page - ON Semiconductor FDP55N06 Datasheet HTML 6Page - ON Semiconductor FDP55N06 Datasheet HTML 7Page - ON Semiconductor FDP55N06 Datasheet HTML 8Page - ON Semiconductor FDP55N06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
October 2013
©
2005 Fairchild Semiconductor Corporation
FDP55N06 / FDPF55N06 Rev. C0
www.fairchildsemi.com
1
FDP55N06 / FDPF55N06
N-Channel UniFETTM MOSFET
60 V, 55 A, 22 mΩ
Features
• RDS(on) = 22 mΩ @VGS = 10 V, ID = 27.5 A
• Low
Gate Charge ( Typ. 30 nC)
• Low Crss (
Typ. 60 pF)
• 100%
Avalanche Tested
Description
UniFETTM MOSFET is Fairchild Semiconductor’s high voltage
MOSFET family based on planar stripe and DMOS technology.
This MOSFET is tailored to reduce on-state resistance, and to
provide better switching performance and higher avalanche
energy strength. This device family is suitable for switching
power converter applications such as power factor correction
(PFC), flat panel display (FPD) TV power, ATX and electronic
lamp ballasts.
TO-220
GD
S
TO-220F
G
DS
G
S
D
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
* Drain current limited by maximum junction temperature
Thermal Characteristics
Symbol
Parameter
FDP55N06
FDPF55N06
Unit
VDSS
Drain-Source Voltage
60
V
ID
Drain Current
- Continuous (TC = 25°C)
55
55 *
A
- Continuous (TC = 100°C)
34.8
34.8 *
A
IDM
Drain Current
- Pulsed
(Note 1)
220
220 *
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
480
mJ
IAR
Avalanche Current
(Note 1)
55
A
EAR
Repetitive Avalanche Energy
(Note 1)
11.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
114
48
W
- Derate above 25°C
0.9
0.4
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/
8" from case for 5 seconds
300
°C
Symbol
Parameter
FDP55N06
FDPF55N06
Unit
RθJC
Thermal Resistance, Junction-to-Case
, Max.
1.1
2.58
°C/W
RθJS
Thermal Resistance, Case-to-Sink
, Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
, Max,
62.5
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com