Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1992 Datasheet(PDF) 37 Page - Analog Devices

Part # LTC1992
Description  Low Power, Fully Differential Input/Output Amplifier/Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1992 Datasheet(HTML) 37 Page - Analog Devices

Back Button LTC1992 Datasheet HTML 33Page - Analog Devices LTC1992 Datasheet HTML 34Page - Analog Devices LTC1992 Datasheet HTML 35Page - Analog Devices LTC1992 Datasheet HTML 36Page - Analog Devices LTC1992 Datasheet HTML 37Page - Analog Devices LTC1992 Datasheet HTML 38Page - Analog Devices LTC1992 Datasheet HTML 39Page - Analog Devices LTC1992 Datasheet HTML 40Page - Analog Devices LTC1992 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
LTC1992 Family
37
1992fb
Figure 7. Asymmetrical Feedback Application Circuits (Most Suitable in Applications with Dual,
Split Supplies (e.g., ±5V), Ground Referenced Single-Ended Input Signals and VOCM Connected to Ground)
once the VOCM voltage is set to zero, the gain formula is the
same as a standard noninverting op amp circuit multiplied
by two to account for the complementary output. Taking
RFB to zero (i.e., taking β to one) gives the same formula
as the top circuit. As in the top circuit, this circuit is also
useful as a single-ended output, high input impedance
inverting gain block (this time with gain). The input com-
mon mode considerations are similar to the top circuit’s,
but are not nearly as constrained since there is now gain
in the noninverting amplifier path. This circuit, with VOCM
at ground, also permits a rail-to-rail output swing in most
applications.
The bottom circuit is another circuit that utilizes a standard
op amp configuration with a complementary output. In this
case, the standard op amp circuit has an inverting con-
figuration. With VOCM at zero volts, the gain formula is the
same as a standard inverting op amp circuit multiplied by
two to account for the complementary output. This circuit
does not have any common mode level constraints as the
inverting input voltage sets the input common mode level.
This circuit also delivers rail-to-rail output voltage swing
without any concerns.
APPLICATIONS INFORMATION
–
–
+
+
+VOUT
VOUTDIFF = 2(+VIN – VOCM)
SETTING VOCM = 0V
VOUTDIFF = 2VIN
–VOUT
VIN
VOCM
VOCM LTC1992
–
–
+
+
+VOUT
RFB
RIN
VOUTDIFF = 2
SETTING VOCM = 0V
VOUTDIFF = 2VIN
–VOUT
VIN
VOCM
RIN
RFB
()
+VIN
;
=
= 2VIN 1 +
– VOCM
1
()1 ()
RIN
RIN + RFB
RFB
RIN
–
–
+
+
+VOUT
VOUTDIFF = 2
SETTING VOCM = 0V
VOUTDIFF = 2VIN
–VOUT
1992 F07
VIN
VOCM
()
+VIN
;
=
= 2VIN
+ VOCM
1 –
()
1 –
()
RIN
RIN + RFB
RFB
RIN
VOCM LTC1992
VOCM LTC1992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com