Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC28F160C3BC90 Datasheet(PDF) 29 Page - Intel Corporation

Part # RC28F160C3BC90
Description  Advanced Boot Block Flash Memory (C3)
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RC28F160C3BC90 Datasheet(HTML) 29 Page - Intel Corporation

Back Button RC28F160C3BC90 Datasheet HTML 25Page - Intel Corporation RC28F160C3BC90 Datasheet HTML 26Page - Intel Corporation RC28F160C3BC90 Datasheet HTML 27Page - Intel Corporation RC28F160C3BC90 Datasheet HTML 28Page - Intel Corporation RC28F160C3BC90 Datasheet HTML 29Page - Intel Corporation RC28F160C3BC90 Datasheet HTML 30Page - Intel Corporation RC28F160C3BC90 Datasheet HTML 31Page - Intel Corporation RC28F160C3BC90 Datasheet HTML 32Page - Intel Corporation RC28F160C3BC90 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
Intel£ Advanced+ Boot Block Flash Memory (C3)
Datasheet
29
5.3
Locking Operations during Erase Suspend
Changes to block-lock status can be performed during an erase-suspend by using the standard
locking command sequences to Unlock, Lock, or Lock Down a block. This is useful in the case
when another block needs to be updated while an Erase operation is in progress.
To change block locking during an Erase operation, first issue the Erase Suspend command (0xB0),
then check the status register until it indicates that the Erase operation has been suspended. Next,
write the preferred Lock command sequence to a block and the Lock status will be changed. After
completing any preferred Lock, Read, or Program operations, resume the Erase operation with the
Erase Resume command (0xD0).
If a block is Locked or Locked Down during a Suspended Erase of the same block, the locking
status bits will be changed immediately. But when the Erase is resumed, the Erase operation will
complete.
Locking operations cannot be performed during a Program Suspend. Refer to Appendix A, “Write
State Machine States” on page 50 for detailed information on which commands are valid during
Erase Suspend.
5.4
Status Register Error Checking
Using nested-locking or program-command sequences during Erase Suspend can introduce
ambiguity into status register results.
Since locking changes are performed using a two-cycle command sequence, e.g., 0x60 followed by
0x01 to lock a block, following the Block Lock, Block Unlock, or Block Lock-Down Setup
command (0x60) with an invalid command will produce a Lock-Command error (SR[4] and SR[5]
will be set to 1) in the Status Register. If a Lock-Command error occurs during an Erase Suspend,
SR[4] and SR[5] will be set to 1 and will remain at 1 after the Erase is resumed. When Erase is
complete, any possible error during the Erase cannot be detected via the status register because of
the previous Lock-Command error.
A similar situation happens if an error occurs during a Program-Operation error nested within an
Erase Suspend.
5.5
128-Bit Protection Register
The C3 device architecture includes a 128-bit protection register than can be used to increase the
security of a system design. For example, the number contained in the protection register can be
used to “match” the flash component with other system components, such as the CPU or ASIC,
preventing device substitution. The Intel application note, AP-657 Designing with the Advanced+
Boot Block Flash Memory Architecture,
contains additional application information.
The 128 bits of the protection register are divided into two 64-bit segments. One of the segments is
programmed at the Intel factory with a unique 64-bit number, which is unchangeable. The other
segment is left blank for customer designs to program, as preferred. Once the customer segment is
programmed, it can be locked to prevent further programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com