Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS0306-1 Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # MSS0306-1
Description  3 VOICE ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0306-1 Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button MSS0306-1 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0306-1 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0306-1 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0306-1 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0306-1 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS0306-1 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS0306-1 Datasheet HTML 9Page - Mosel Vitelic, Corp MSS0306-1 Datasheet HTML 10Page - Mosel Vitelic, Corp MSS0306-1 Datasheet HTML 11Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MOSEL VITELIC
MSS0306
PID239 05/96
7/19
DC Characteristics at 3.0 Vdd (S0306T)
DC Characteristics at 4.5 Vdd (S0306J)
SymbolParameter
I sb
I op
I ih4
I iL4
I ih5
I iL5
I ohr
Stand by I
Operation I
input high I
input low I
input high I
input low I
output high I
Vdd
Vdd
TG1-4
TG1-4
TG5/OKY
TG5/OKY
75
0
0
+/- 5
+/- 10
1
150
15
15
uA
uA
uA
uA
i/o open
mask:=active high
mask:=active high
mask:=active high
mask:=active high
Min.
Typ.
Max.
Unit.
Condition
Valid
I oLr
I co
V co
R osc
R osc
R cds
d F/F
d F/F
output low I
current output
Current o/p V
Oscillation R
Oscillaion R
cds R
Frq. stability
Frq. variation
OUTX,Y,Z
OUTX,Y,Z
Cout
Cout
Rosc
Rosc
-10
10
2.2
1200
950
uA
uA
mA
mA
mA
mV
Kohm
Kohm
Kohm
%
%
half scale
SR=6 KHz
SR=8 KHz
[F(3.0V)-F(2.7V)]/F(3.0V)
lot by lot
SymbolParameter
I sb
I op
I ih4
I iL4
I ih5
I iL5
I ohr
Stand by I
Operation I
input high I
input low I
input high I
input low I
output high I
Vdd
Vdd
TG1-4
TG1-4
TG5/OKY
TG5/OKY
100
10
0
10
0
+/- 5
+/- 10
1
200
20
20
uA
uA
uA
uA
i/o open
mask:=active high
mask:=active high
mask:=active high
mask:=active high
Min.
Typ.
Max.
Unit.
Condition
Valid
I oLr
I co
V co
R osc
R osc
R cds
d F/F
d F/F
output low I
current output
Current o/p V
Oscillation R
Oscillaion R
cds R
Frq. stability
Frq. variation
OUTX,Y,Z
OUTX,Y,Z
Cout
Cout
Rosc
Rosc
-20
20
3.4
1200
900
uA
uA
mA
mA
mA
mV
Kohm
Kohm
Kohm
%
%
half scale
SR=6 KHz
SR=8 KHz
[F(4.5V)-F(4.0V)]/F(4.5V)
lot by lot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com