Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

353021 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 353021
Description  WE-FNCS Flexible Nanocrystalline Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

353021 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  353021 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 353021 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 353021 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 353021 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions: [mm]
Release Film
(remove for application)
120.0 ±2.0
Release Film
(remove for application)
3 Nanocrystalline layers
with double side adhesive
Acrylic adhesive
PET
detail A
A
Scale - 1:3
Properties
Value
Unit
Tol.
Complex Permeability
µ'
@ 128 kHz
10000
typ.
Complex Permeability
µ'
@ 1 MHz
2200
typ.
Complex Permeability
µ''
@ 128 kHz
6700
typ.
Complex Permeability
µ''
@ 1 MHz
3600
typ.
Surface Resistance 1)
RS
10
MΩ
min.
Insulation Resistance 2)
RISO
1
GΩ
min.
1)
Measured over the PET surface. Method ASTM D257-07
2)
Measured between the top PET layer and the bottom Adhesive layer. Method ASTM D257-07
Certification:
RoHS Approval
Compliant [2011/65/EU&2015/863]
REACh Approval
Conform or declared [(EC)1907/2006]
Halogen Free
Conform [JEDEC JS709B]
Halogen Free
Conform [IEC 61249-2-21]
General Information:
Operating Temperature
-40 °C up to +85 °C
Storage Conditions
(in original packaging)
5 °C up to + 35 °C; up to 65 % RH
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
IVB
001.000
2025-11-14
DIN ISO 2768-1m
DESCRIPTION
WE-FNCS Flexible Nanocrystalline
Sheet
ORDER CODE
353021
BUSINESS UNIT
STATUS
PAGE
eiSos
Valid
1/4
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation, transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 353021

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
3530214 FIBOX-3530214 Datasheet
49Kb / 1P
Size 1 3x PG21
14.08.2023
3530215 FIBOX-3530215 Datasheet
54Kb / 2P
Cover plate
31.07.2023
More results

Similar Description - 353021

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
782063051055 WURTH-782063051055 Datasheet
337Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063101100 WURTH-782063101100 Datasheet
337Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063051100 WURTH-782063051100 Datasheet
337Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.001
782063101055 WURTH-782063101055 Datasheet
338Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063101200 WURTH-782063101200 Datasheet
331Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151055 WURTH-782063151055 Datasheet
334Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782063151200 WURTH-782063151200 Datasheet
333Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163051200 WURTH-782163051200 Datasheet
333Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163101300 WURTH-782163101300 Datasheet
330Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
782163151300 WURTH-782163151300 Datasheet
332Kb / 4P
WE-AENA Axial EMI Suppression Nanocrystalline
001.000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com