Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS04C60D Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HS04C60D
Description  HS04C60D 4A TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HS04C60D Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HS04C60D Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HS04C60D Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HS04C60D Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HS04C60D Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd. HS04C60D Datasheet HTML 5Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Tj=25℃ unless otherwise specified)
Symbol
Test Condition
Quadrant
Value
Unit
IGT
VD =12V RL =33
Ω
Ⅰ-Ⅱ-Ⅲ
MAX.
35
mA
VGT
Ⅰ-Ⅱ-Ⅲ
MAX.
1
V
VGD
VD =VDRM Tj =125℃
RL =3.3K
Ω
Ⅰ-Ⅱ-Ⅲ
MIN.
0.2
V
IL
IG =1.2IGT
Ⅰ-Ⅲ
MAX.
50
mA
Ⅱ
60
IH
IT =100mA
MAX.
35
mA
dV/dt
VD=400V Gate Open Tj =125℃
MIN.
1500
V
/μs
(dI/dt)c
(dV/dt)c=20V
/μs, Tj=125℃
MIN.
8
A/ms
ton
IG=40mA IA=200mA IR=20mA
Tj=25℃
TYP.
3
μs
toff
30
STATIC CHARACTERISTICS
Symbol
Parameter
Value(MAX.)
Unit
VTM
ITM =5A tp=380
μs
Tj=25℃
1.65
V
VTO
Threshold voltage
Tj=125℃
0.799
V
RD
Dynamic resistance
Tj=125℃
151
m
Ω
IDRM
VD =VDRM VR =VRRM
Tj=25℃
5
μA
IRRM
Tj=125℃
0.2
mA
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth(j-c)
junction to case (AC)
3.8
℃/W
Rth(j-a)
junction to ambient (AC)
70
℃/W
3
 of 
1
Page 
1.0
Rev.
huixin@hxkj.hk
+86-769-22857832
huixin@hxkj.hk
+86-769-22857832
Rev. 1.0
Page
2 of5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com