Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2852 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2852
Description  2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2852 Datasheet HTML 6Page - National Semiconductor (TI) LM2852 Datasheet HTML 7Page - National Semiconductor (TI) LM2852 Datasheet HTML 8Page - National Semiconductor (TI) LM2852 Datasheet HTML 9Page - National Semiconductor (TI) LM2852 Datasheet HTML 10Page - National Semiconductor (TI) LM2852 Datasheet HTML 11Page - National Semiconductor (TI) LM2852 Datasheet HTML 12Page - National Semiconductor (TI) LM2852 Datasheet HTML 13Page - National Semiconductor (TI) LM2852 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Applications Information (Continued)
LAYOUT HINTS
These are several guidelines to follow while designing the
PCB layout for an LM2852 application.
1.
The input bulk capacitor, C
IN, should be placed very
close to the PVIN pin to keep the resistance as low as
possible between the capacitor and the pin. High current
levels will be present in this connection.
2.
All ground connections must be tied together. Use a
broad ground plane, for example a completely filled back
plane, to establish the lowest resistance possible be-
tween all ground connections.
3.
The sense pin connection should be made as close to
the load as possible so that the voltage at the load is the
expected regulated value. The sense line should not run
too close to nodes with high EMI (such as the switch
node) to minimize interference.
4.
The switch node connections should be low resistance
to reduce power losses. Low resistance means the trace
between the switch pin and the inductor should be wide.
However, the area of the switch node should not be too
large since EMI increases with greater area. So connect
the inductor to the switch pin with a short, but wide trace.
Other high current connections in the application such
as PVIN and V
OUT assume the same trade off between
low resistance and EMI.
5.
Allow area under the chip to solder the entire exposed
die attach pad to ground for improved thermal and elec-
trical performance.
LM2852 Example Circuit Schematic
Bill of Materials for 500kHz (LM2852Y) 3.3V
IN to 1.8 VOUT Conversion
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U
1
LM2852YMXA-1.8
2A Buck
ETSSOP-14
1
NSC
L
O
DO3316P-153
Inductor
15 µH
1
Coilcraft
C
O*
595D107X_6R3C2T
Capacitor
Case Code “C”
100 µF ±20%
1
Vishay-Sprague
C
IN
GRM32ER60J476ME20B
Capacitor
1210
47µF/X5R/6.3V
1
Murata
C
INX
GRM21BR71C105KA01B
Capacitor
0805
1µF/X7R/16V
1
Murata
C
SS
VJ0805Y272KXXA
Capacitor
0805
2.7nF ±10%
1
Vishay-Vitramon
R
f
CRCW060310R0F
Resistor
0603
10
±10%
1
Vishay-Dale
C
f
GRM21BR71C105KA01B
Capacitor
0805
1µF/X7R/16V
1
Murata
* If a “non-tantalum” solution is desired use an NOSC107M004R0150, 100 µF capacitor from AVX for CO.
Bill of Materials for 1500kHz (LM2852X) 3.3V to 1.8V Conversion
ID
Part Number
Type
Size
Parameters
Qty
Vendor
U
1
LM2852XMXA-1.8
2A Buck
ETSSOP-14
1
NSC
L
0
DO1813P-102HC
Inductor
1 µH
1
Coilcraft
C
0
GRM32DR61E106K
Capacitor
1210
10 µF/X5R/25V
1
Murata
C
IN
GRM32ER60J476ME20B
Capacitor
1210
47µF/X5R/6.3V
1
Murata
C
INX
GRM21BR71C105KA01B
Capacitor
0805
1µF/X7R/16V
1
Murata
C
SS
VJ0805Y272KXXA
Capacitor
0805
2.7nF ±10%
1
Vishay-Vitramon
R
f
CRCW060310R0F
Resistor
0603
10
±10%
1
Vishay-Dale
C
f
GRM21BR71C105KA01B
Capacitor
0805
1µF/X7R/16V
1
Murata
20127020
FIGURE 1.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com