Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS020U Datasheet(PDF) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # HS020U
Description  2A Sensitive SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

HS020U Datasheet(HTML) 4 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  HS020U Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. HS020U Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. HS020U Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. HS020U Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FIG.7:Test circuit for inductive and resistive loads to IEC-61000-4-5 standards.
AC
INPUT
Filtering Unit
IEC61000-4-5 Standards
Surge Generator
1.2/50μS voltage surge
8/20μS current surge
RGen
2Ω
Load Model
R
30Ω
L
53μH
RG
1kΩ
PACKAGE MECHANICAL DATA
G
Φ M
ax 1
.5m
m
A
N
E
V
D
J
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
B
C
D
E
F
G
H
J
K
N
P
V
4.45
4.32
3.18
0.407
5.20
5.33
4.19
0.533
0.175
0.170
0.125
0.016
0.205
0.210
0.165
0.021
0.50
0.70
1.10
0.043
2.20
0.087
0.36
0.50
0.014
0.020
15.0
12.70
0.500
0.591
2.04
2.66
0.080
0.105
1.80
2.30
0.071
0.091
4.50
0.177
4.10
0.161
0.020
0.028
1.30
0.051
1.10
1.40
0.055
2.40
0.094
3
 of 
1
Page 
1.0
Rev.
huixin@hxkj.hk
+86-769-22857832
huixin@hxkj.hk
+86-769-22857832
Rev. 1.0
Page
4 of4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com