Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3488MM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3488MM
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3488MM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3488MM Datasheet HTML 7Page - National Semiconductor (TI) LM3488MM Datasheet HTML 8Page - National Semiconductor (TI) LM3488MM Datasheet HTML 9Page - National Semiconductor (TI) LM3488MM Datasheet HTML 10Page - National Semiconductor (TI) LM3488MM Datasheet HTML 11Page - National Semiconductor (TI) LM3488MM Datasheet HTML 12Page - National Semiconductor (TI) LM3488MM Datasheet HTML 13Page - National Semiconductor (TI) LM3488MM Datasheet HTML 14Page - National Semiconductor (TI) LM3488MM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Functional Description (Continued)
SLOPE COMPENSATION RAMP
The LM3488 uses a current mode control scheme. The main
advantages of current mode control are inherent cycle-by-
cycle current limit for the switch, and simpler control loop
characteristics. It is also easy to parallel power stages using
current mode control since as current sharing is automatic.
Current mode control has an inherent instability for duty
cycles greater than 50%, as shown in Figure 2.In Figure 2,
a small increase in the load current causes the switch cur-
rent to increase by
∆I
O. The effect of this load change,
∆I
1,is
:
From the above equation, when D > 0.5,
∆I
1 will be greater
than
∆I
O. In other words, the disturbance is divergent. So a
very small perturbation in the load will cause the disturbance
to increase.
To prevent the sub-harmonic oscillations, a compensation
ramp is added to the control signal, as shown in Figure 3.
With the compensation ramp,
10138807
FIGURE 1. Basic Operation of the PWM comparator
10138809
FIGURE 2. Sub-Harmonic Oscillation for D>0.5
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com