Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1560G Datasheet(PDF) 4 Page - Littelfuse

Part # CPC1560G
Description  60V, 300mA, High Speed Normally Open Relay
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1560G Datasheet(HTML) 4 Page - Littelfuse

  CPC1560G Datasheet HTML 1Page - Littelfuse CPC1560G Datasheet HTML 2Page - Littelfuse CPC1560G Datasheet HTML 3Page - Littelfuse CPC1560G Datasheet HTML 4Page - Littelfuse CPC1560G Datasheet HTML 5Page - Littelfuse CPC1560G Datasheet HTML 6Page - Littelfuse CPC1560G Datasheet HTML 7Page - Littelfuse CPC1560G Datasheet HTML 8Page - Littelfuse CPC1560G Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R04
CPC1560
1.5 Recommended Operating Conditions
1 Input control current must not exceed the maximum recommended value. Failure to comply may inhibit the thermal shutdown mechanism resulting in permanent
damage to the device.
2 Required only when using the optional external storage capacitor, C
EXT.
3 Maximum load inductance corresponds to a maximum load capacitance. If a TVS or other protection method is used, then no maximum load inductance applies.
1.6 Typical Configurations
1.6.1 AC/DC Application
1.6.2 DC-Only Application
Parameter
Symbol
Min
Max
Units
Load Current, Continuous
AC/DC Configuration
IL
-300
mArms / mADC
DC-Only Configuration
-600
mADC
Input Control Current 1
IF
2.5
10
mA
Load Voltage 2
VL
10
-
V
External Storage Capacitor
CEXT
26
nF
Load Inductance 3
AC/DC Configuration
LLOAD,AC
-3.0
mH
DC-Only Configuration
LLOAD,DC
-1.75
Operating Temperature
TA
-40
+85
°C
2
3
C+
C-
8
5
+V
Control
Logic
7
6
-/+ Supply
+/-
Z
LOAD
+/- Supply
-/+
V
L
C+
C-
2
3
8
7
6
5
+V
Control
Logic
+
Z
LOAD
+ Supply
- Supply
-
V
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com