Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3520SD Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3520SD
Description  Integrated White LED Driver with Organic LED Display Power Supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3520SD Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3520SD Datasheet HTML 6Page - National Semiconductor (TI) LM3520SD Datasheet HTML 7Page - National Semiconductor (TI) LM3520SD Datasheet HTML 8Page - National Semiconductor (TI) LM3520SD Datasheet HTML 9Page - National Semiconductor (TI) LM3520SD Datasheet HTML 10Page - National Semiconductor (TI) LM3520SD Datasheet HTML 11Page - National Semiconductor (TI) LM3520SD Datasheet HTML 12Page - National Semiconductor (TI) LM3520SD Datasheet HTML 13Page - National Semiconductor (TI) LM3520SD Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Application Information (Continued)
The above equation to solve for R
SUB1 .
R
SUB1 =(VSUB/VSUB_FB – 1)RSUB2
(3)
The LM3520 is optimized for 20V at 30 mA over the input
voltage range, for higher output current up to 50mA is
achieveable with a minimum input of 3.6V. If lower V
SUB is
desired, the output current capability will be higher.
Using V
SUB in Current Mode Configuration
If V
sub is used to drive a string of LEDs, instead of using
figure 3 configuration (voltage mode). The LEDs can be
arranged in current mode configuration to control load cur-
rent.
MAIN & SUB ENABLE
The LM3520 has two independent enable pins to control the
main and sub displays. A high on the Main Enable signal will
enable the main display. While a high on the Sub Enable pin
will enable the sub display. The PFM_EN pin must tied to
SUB_EN for enabling the Sub display. Both Main & Sub
enable pins should not be ON at the same time during
normal operation. If for any reason, the main and Sub enable
are high, the main display will enable by default and the sub
display will disable by default. The following truth table sum-
marize the logic state.
TABLE 1.
Main_EN
Sub_EN
Main
Sub
0
0
OFF
OFF
0
1
OFF
ON
1
0
ON
OFF
1
1
ON
OFF
INDUCTOR SELECTION
The inductor used with LM3520 must have a saturation
current greater than the device switch peak current limit.
Choosing inductors with low DCR decreases power losses
and increases efficiency. A 10 µH inductor is optimal for the
applications. If a smaller inductor is used, the larger the
inductor ripple current. Care must be taken to select the
inductor such that the peak current rating of the inductor
accounts for maximum load current for the operating condi-
tion. It is best to select an inductor with a peak current rating
of the maximum switch peak current of the device. The
following equation is useful for determining the inductor
value for a given application condition. Where I
OUT_MAX =
maximum output load current, V
OUT = output voltage, VIN-
_MIN
= minimum input voltage, V
DIODE = diode forward volt-
age, I
Peak = Peak Current and fmax = maximum switch fre-
quency.
TABLE 2.
Suppliers
Website
Coilcraft
www.coilcraft.com
Cooper Bussmann
www.cooperET.com
Murata
www.murata.com
DIODE SELECTION
To maintain high efficiency, the average current rating of the
schottky diode should be larger than the peak inductor cur-
rent. Schottky diodes with a low forward drop and fast
switching speeds are ideal for increasing efficiency in por-
table applications. Choose a reverse breakdown of the
schottky diode larger than the output voltage. Some recom-
mended diodes are MBR0530T1 from ON semiconductor
and CMMSHI-40 from Central Semiconductor.
CAPACITOR SELECTION
Choose low ESR capacitors for the output to minimize output
voltage ripple. Ceramic capacitors such as X5R and X7R are
recommended for use as input and output filiters. These
capacitors provide an ideal balance between small size,
cost, reliability and performance. Do not use Y5V ceramic
capacitors as they have poor dielectric performance over
temperature and poor voltage characteristic for a given
value. For most applications,a1µF ceramic output capaci-
20128805
FIGURE 4.
20128801
FIGURE 5.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com