Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXD-M Datasheet(PDF) 2 Page - TDK Electronics

Part # PXD-M
Description  30W Medical and Industrial DC-DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PXD-M Datasheet(HTML) 2 Page - TDK Electronics

  PXD-M Datasheet HTML 1Page - TDK Electronics PXD-M Datasheet HTML 2Page - TDK Electronics PXD-M Datasheet HTML 3Page - TDK Electronics PXD-M Datasheet HTML 4Page - TDK Electronics PXD-M Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PXD-M Series
2
Specifications
Model
PXD-M30
Input
Input Voltage Range
Vdc
See model selector table
Input Surge Voltage
Vdc
-24W models: 50, -48W models: 100. (3s maximum)
Input Shutdown Voltage
Vdc
-24W models: 7.8 - 8.6, -48W models: 15.8 - 17.4
Start-up Time
ms
60 max
Touch Current
uA
2.5 maximum
No Load Power Consumption
W
See model selector table
Efficiency
-
See model selector table
Conducted & Radiated EMI
-
EN55011-A, EN55032-A without external components. Class B with external components
Immunity
-
See immunity section
Safety Agency Certifications
-
IEC/UL/CSA/EN62368-1, IEC/ANSI/AAMI ES/CSA/EN60601-1, CE Mark (LVD and RoHS)
Test
Standard
Test Level
Criteria
Notes
ESD
EN61000-4-2
Air ± 15kV and Contact ± 8kV
A
-
Radiated Susceptibility
EN61000-4-3
10V/m
A
-
Electrical Fast Transient Burst
EN61000-4-4
± 2kV
A
With an input filter of two 220uF
Surge
EN61000-4-5
± 2kV
A
capacitors and a TVS
(SMDJ58A for PXG-M24W or SMDJ120A for PXG-M48W)
Conducted Susceptibility
EN61000-4-6
10 Vrms
A
-
Magnetic Fields
EN61000-4-8
100A/m continuous; 1000A/m 1s
A
-
Immunity



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com